Electronic Components Datasheet Search
  English  ▼

X  

CPH5513 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CPH5513
Description  Pin Diode for VHF, UHF, AGC Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH5513 Datasheet(HTML) 2 Page - ON Semiconductor

  CPH5513 Datasheet HTML 1Page - ON Semiconductor CPH5513 Datasheet HTML 2Page - ON Semiconductor CPH5513 Datasheet HTML 3Page - ON Semiconductor CPH5513 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CPH5513
Rev.0 I Page 2 of 4 I www.onsemi.com
Package Dimensions
Electrical Connection
unit : mm (typ)
7017A-001
1 : Cathode
2 : Cathode
3 : Anode
4 : No Contact
5 : Anode
SANYO : CPH5
2
1
4
53
2.9
0.05
0.4
0.15
0.95
43
5
2
1
1 : Cathode
2 : Cathode
3 : Anode
4 : No Contact
5 : Anode
Top view
IF -- VF
2
3
5
7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
0
0.2
0.4
0.6
0.8
1.0
1.2
ID00077
C -- VR
0.1
2
1.0
3
5
7
0.1
1.0
2
35 7
10
23
5 7
100
23
5 7
ID00078
Ta=25
°C
f=1MHz
2
3
5
Forward Voltage, VF -- V
Reverse Voltage, VR -- V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com