Electronic Components Datasheet Search
  English  ▼

X  

CPH5513 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CPH5513
Description  Pin Diode for VHF, UHF, AGC Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH5513 Datasheet(HTML) 3 Page - ON Semiconductor

  CPH5513 Datasheet HTML 1Page - ON Semiconductor CPH5513 Datasheet HTML 2Page - ON Semiconductor CPH5513 Datasheet HTML 3Page - ON Semiconductor CPH5513 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPH5513
Rev.0 I Page 3 of 4 I www.onsemi.com
IR -- VR
rs -- IF
rs -- f
0.01
3
2
3
5
5
2
7
7
10
1.0
2
3
5
7
100
2
1k
3
5
7
2
0.1
3
5
7
2
1.0
3
5
7
2
10
3
2
5
30
10
0
0.01
35
7
2
0.1
35
7
2
1.0
10
35
7
2
20
40
60
50
ID00079
1.0
1.0
23
5 7 10
23
5 7 100
1000
23
5 7
2
2
3
5
7
10
2
3
5
7
100
2
3
5
7
1k
2
3
5
ID00080
ID00081
Ta=25
°C
f=100MHz
Ta=
75°
C
50°
C
25°
C
Ta=25
°C
100
μA
5mA
10mA
1mA
IF=10μA
Reverse Voltage, VR -- V
Forward Current, IF -- mA
Frequency, f -- MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com