Electronic Components Datasheet Search
  English  ▼

X  

CS5132 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5132
Description  Dual Output CPU Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5132 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5132 Datasheet HTML 1Page - ON Semiconductor CS5132 Datasheet HTML 2Page - ON Semiconductor CS5132 Datasheet HTML 3Page - ON Semiconductor CS5132 Datasheet HTML 4Page - ON Semiconductor CS5132 Datasheet HTML 5Page - ON Semiconductor CS5132 Datasheet HTML 6Page - ON Semiconductor CS5132 Datasheet HTML 7Page - ON Semiconductor CS5132 Datasheet HTML 8Page - ON Semiconductor CS5132 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Electrical Characteristics: 0°C < TA < 70°C; 0°C < TJ < 125°C; VOUT2 ≤ 3.5V, 9V ≤ VCC1 ≤ 14V, 9V ≤ VCC2 ≤ 14V; 2.0V DAC Code
(VID4= VID3 = VID2 = VID1 = 0, VID0 = 1), CGATE(H) = CGATE(L) = CGATE = 3.3nF, COFF = 390pF; Unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s VCORE Switching Regulator Error Amplifier
VFB1 Bias Current
VFB1 = 0V
-1.0
0.1
1.0
µA
COMP1 Source Current
COMP1 = 1.2V to 3.6V; VFB1 = 1.9 V
15
30
60
µA
COMP1 Sink Current
COMP1=1.2V; VFB1 =2.1V;
30
60
120
µA
Open Loop Gain
CCOMP1 = 0.1µF
80
dB
Unity Gain Bandwidth
CCOMP1 = 0.1µF
20
kHz
PSRR @ 1kHz
CCOMP1 = 0.1µF
70
dB
s Voltage Identification DAC
Accuracy (all codes)
Measure VFB1 = COMP1,
25°C
≤ T
J≤ 125°C, VCC1 = VCC2 = 12V
-1.0
1.0
%
VID4 VID3 VID2 VID1 VID0
1
0
0
0
0
3.489
3.525
3.560
V
1
0
0
0
1
3.390
3.425
3.459
V
1
0
0
1
0
3.291
3.325
3.358
V
1
0
0
1
1
3.192
3.225
3.257
V
1
0
1
0
0
3.093
3.125
3.156
V
1
0
1
0
1
2.994
3.025
3.055
V
1
0
1
1
0
2.895
2.925
2.954
V
1
0
1
1
1
2.796
2.825
2.853
V
1
1
0
0
0
2.697
2.725
2.752
V
1
1
0
0
1
2.598
2.625
2.651
V
1
1
0
1
0
2.499
2.525
2.550
V
1
1
0
1
1
2.400
2.425
2.449
V
1
1
1
0
0
2.301
2.325
2.348
V
1
1
1
0
1
2.202
2.225
2.247
V
1
1
1
1
0
2.103
2.125
2.146
V
0
0
0
0
0
2.054
2.075
2.096
V
0
0
0
0
1
2.004
2.025
2.045
V
0
0
0
1
0
1.955
1.975
1.995
V
0
0
0
1
1
1.905
1.925
1.944
V
0
0
1
0
0
1.856
1.875
1.894
V
0
0
1
0
1
1.806
1.825
1.843
V
0
0
1
1
0
1.757
1.775
1.793
V
0
0
1
1
1
1.707
1.725
1.742
V
0
1
0
0
0
1.658
1.675
1.692
V
0
1
0
0
1
1.608
1.625
1.641
V
0
1
0
1
0
1.559
1.575
1.591
V
0
1
0
1
1
1.509
1.525
1.540
V
0
1
1
0
0
1.460
1.475
1.490
V
0
1
1
0
1
1.410
1.425
1.439
V
0
1
1
1
0
1.361
1.375
1.389
V
0
1
1
1
1
1.311
1.325
1.338
V
1
1
1
1
1
1.225
1.250
1.275
V
Line Regulation
9V
≤ V
CC1 ≤ 14V
0.01
%/V
Input Threshold
VID4, VID3, VID2, VID1, VID0
1.00
1.25
2.40
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com