Electronic Components Datasheet Search
  English  ▼

X  

SG3546LP Datasheet(PDF) 7 Page - Microsemi Corporation

Part # SG3546LP
Description  3.3 V UNDERVOLTAGE SENSING CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3546LP Datasheet(HTML) 7 Page - Microsemi Corporation

  SG3546LP Datasheet HTML 1Page - Microsemi Corporation SG3546LP Datasheet HTML 2Page - Microsemi Corporation SG3546LP Datasheet HTML 3Page - Microsemi Corporation SG3546LP Datasheet HTML 4Page - Microsemi Corporation SG3546LP Datasheet HTML 5Page - Microsemi Corporation SG3546LP Datasheet HTML 6Page - Microsemi Corporation SG3546LP Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3.3V U NDER VOL T A G E S ENSING C IRCUIT
SG3546
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 1994
Rev. 1.3
2/96
P RODUCTION D AT A S HEET
TYPICAL APPLICATION CIRCUITS
FIGURE 8. — LOW VOLTAGE MICROPROCESSOR RESET
POWER
SUPPLY
1.2 V
REF
RESET
2
1.0k
1
3
FIGURE 9. — VOLTAGE MONITOR
FIGURE 7. — SWITCHING THE LOAD OFF WHEN
BATTERY VOLTAGE REACHES BELOW V
TH
A time-delayed reset can be accomplished with the addition of C
DLY
.
For systems with extremely fast power supply rise times (< 500ns),
it is recommended that the RC
DLY time constant be greater than
5.0µs. V
TH(MPU) is the microprocessor reset input threshold.
POWER
SUPPLY
1.2 V
REF
MICROPROCESSOR
CIRCUIT
RESET
C
DLY
R
2
1
3
1.2 V
REF
LOAD
RESET
2
4
1
t
DLY = R CDLY In
V
TH(MPU)
V
IN
1 -
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com