Electronic Components Datasheet Search
  English  ▼

X  

SG3546LP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG3546LP
Description  3.3 V UNDERVOLTAGE SENSING CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3546LP Datasheet(HTML) 1 Page - Microsemi Corporation

  SG3546LP Datasheet HTML 1Page - Microsemi Corporation SG3546LP Datasheet HTML 2Page - Microsemi Corporation SG3546LP Datasheet HTML 3Page - Microsemi Corporation SG3546LP Datasheet HTML 4Page - Microsemi Corporation SG3546LP Datasheet HTML 5Page - Microsemi Corporation SG3546LP Datasheet HTML 6Page - Microsemi Corporation SG3546LP Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3.3V U NDER VOL T A G E S ENSING C IRCUIT
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
Copyright © 1994
Rev. 1.3
1/96
FOR FUR THER INFORMA TION CALL (714) 898-8121
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841
SG3546
LIN D OC #: 3546
1
P ACKAGE ORDER INFORMA TION
T
A (°C)
Plastic SOIC
8-pin
0 to 70
SG3546DM
SG3546LP
DM
Plastic TO-92
3-pin
LP
DESCRIPTION
The SG3546 is an undervoltage sensing
circuit specifically designed for use as
a reset controller in 3.3V
microprocessor-based applications. Its
micropower operation makes this
device ideal for portable applications
where extended battery life is required.
The device offers a 1.2V temperature
compensated bandgap reference, a
KEY FEA TURES
s LOW STANDBY CURRENT
s INTERNAL VOLTAGE THRESHOLD AT 2.95V
s TEMPERATURE COMPENSATED BANDGAP
REFERENCE
s PRECISION COMPARATOR WITH 40MV OF
HYSTERESIS
s CLAMP DIODE FOR DISCHARGING DELAY
CAPACITOR
s OUTPUT CURRENT SINK CAPABILITY
(typ 5mA)
s 1-10V INPUT SUPPLY RANGE
s AVAILABLE IN 150MIL, 8-PIN SOIC AND
3-PIN TO-92 PACKAGES
Note: All surface-mount packages are available in Tape & Reel.
Append the letter "T" to part number. (i.e. SG3546DMT)
PRODUCT HIGHLIGHT
LOW-VOLTAGE MICROPROCESSOR RESET
precision comparator with hysteresis
and a high-current open collector
output. This device operates from 1 to
10V input supply and drains <10µA in
the non-fault condition.
The SG3546 is available in an 8-pin
150mil SOIC package or a 3-pin TO-92
package and is rated for an ambient
temperature of 0°C to 70°C.
POWER
SUPPLY
1.2 V
REF
MICROPROCESSOR
CIRCUIT
RESET
C
DLY
R
2
1
3


Similar Part No. - SG3546LP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3546LP MICROSEMI-SG3546LP Datasheet
319Kb / 7P
3.3V UNDERVOLTAGE SENSING CIRCUIT
More results

Similar Description - SG3546LP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
3V UNDERVOLTAGE SENSING CIRCUIT
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
Undervoltage sensing circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
3V UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
3V UNDERVOLTAGE SENSING CIRCUIT
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com