Electronic Components Datasheet Search
  English  ▼

X  

SM5170AV Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5170AV
Description  PLL Synthesizer IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5170AV Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5170AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SM5170AV
NIPPON PRECISION CIRCUITS—2
PACKAGE DIMENSIONS
Unit: mm
16-pin VSOP
BLOCK DIAGRAM
5.1 0.2
0.15
+ 0.10
- 0.05
010
0.5 0.2
0.275typ
0.65
0.22− 0.05
+ 0.10
0.12 M
0.10
XOUT
XIN
CLK
DATA
LE
OPR
1/4 Prescaler
DO
16Bit R
−Counter
16Bit R
−Latch
Latch Selector
22Bit Shift Register
17Bit N
−Latch
5Bit Swallow
Counter
12Bit Main
Counter
FIN
Dual Modulus
Prescaler
Level
Shifter
Phase
Detector
Charge
Pump
Lock
Detector
LD
Boost Signal
Generator
DB
VDD1 AREA(1V)
VDD2 AREA(3V)
VDD1 AREA(1V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com