Electronic Components Datasheet Search
  English  ▼

X  

SG1842L/DESC Datasheet(PDF) 11 Page - Microsemi Corporation

Part # SG1842L/DESC
Description  CURRENT MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1842L/DESC Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button SG1842L/DESC Datasheet HTML 6Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 7Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 8Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 9Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 10Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 11Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 12Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 13Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1842/SG1843 Series
PRODUCT DA T ABOOK 1996/1997
11
Copyright © 2000
Rev. 1.6
4/00
P RODUCTION D ATA S HEET
TYPICAL APPLICA TION CIRCUITS
FIGURE 18. — ISOLATED MOSFET DRIVE
FIGURE 17. — BIPOLAR TRANSISTOR DRIVE
Current transformers can be used where isolation is required
between PWM and Primary ground. A drive transformer is then
necessary to interface the PWM output with the MOSFET.
The 1842/43 output stage can provide negative base current to
remove base charge of power transistor (Q
1) for faster turn off.
This
is accomplished by adding a capacitor (C
1) in parallel with a resistor
(R
1).
The resistor (R
1) is to limit the base current during turn on.
Pin numbers referenced are for 8-pin package and pin numbers in parenthesis are for 14-pin package.
FIGURE 15. — CURRENT-SENSE SPIKE SUPPRESSION
FIGURE 16. — MOSFET PARASITIC OSCILLATIONS
A resistor (R
1) in series with the MOSFET gate reduce overshoot and
ringing caused by the MOSFET input capacitance and any induc-
tance in series with the gate drive. (Note: It is very important to
have a low inductance ground path to insure correct operation of
the I.C. This can be done by making the ground paths as short and
as wide as possible.)
The RC low pass filter will eliminate the leading edge current spike
caused by parasitics of Power MOSFET.
V
CC
V
IN
7 (12)
7 (11)
6 (10)
5 (8)
3 (5)
R
C
R
S
Q1
I
PK
I
PK(MAX) =
1.0V
R
S
SG1842/43
V
IN
V
CC
7 (12)
7 (11)
6 (10)
5 (8)
R
S
Q1
SG1842/43
3 (5)
R
1
SG1842/43
3 (5)
5 (8)
6 (10)
7 (11)
R
S
Q1
V
C1
C
1
R
1
R
2
V
IN
V
C
I
B
+
V
C
R
2
»
V
C1
R
1||R2
»
_
V
CC
V
IN
7 (12)
7 (11)
6 (10)
5 (8)
3 (5)
SG1842/43
Isolation
Boundary
C
R
R
S
N
S
N
P
Q1
Waveforms
+
_0
+
_0
50% DC
25% DC
I
PK =
V (PIN 1) - 1.4
3R
S
N
P
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com