Electronic Components Datasheet Search
  English  ▼

X  

SG1842L/DESC Datasheet(PDF) 13 Page - Microsemi Corporation

Part # SG1842L/DESC
Description  CURRENT MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1842L/DESC Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button SG1842L/DESC Datasheet HTML 6Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 7Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 8Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 9Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 10Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 11Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 12Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 13Page - Microsemi Corporation SG1842L/DESC Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1842/SG1843 Series
PRODUCT DA T ABOOK 1996/1997
13
Copyright © 2000
Rev. 1.6
4/00
P RODUCTION D ATA S HEET
TYPICAL APPLICA TION CIRCUITS
(continued)
FIGURE 23. — SLOPE COMPENSATION
High-peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and bypass capacitors should be
connected to pin 5 in a single point ground. The transistor and 5k potentiometer are used to sample the oscillator waveform and apply
an adjustable ramp to pin 3.
Due to inherent instability of current mode converters running above 50% duty cycle, a slope compensation should be added to
either current sense pin or the error amplifier. Figure 23 shows a typical slope compensation technique.
OSCILLATOR
V
REF
GOOD LOGIC
S
R
5V
REF
INTERNAL
BIAS
8(14)
4(7)
2(3)
1(1)
R
F
C
F
R
d
R
i
From V
O
R
SLOPE
2N222A
R
T
5V
UVLO
2.5V
ERROR
AMP
C
T
1V
2R
R
C.S.
COMP
PWM
LATCH
5(9)
3(5)
5(8)
CR
S
R
6(10)
7(11)
7(12)
V
CC
V
O
Q1
SG1842/43
V
IN
5V
FIGURE 24. — OPEN LOOP LABORATORY FIXTURE
2
3
4
8
7
6
5
COMP
V
FB
I
SENSE
R
TCT
V
REF
V
CC
OUTPUT
GROUND
0.1µF
0.1µF
A
SG1842/43
R
T
2N2222
100K
4.7K
1K
4.7K
5K
I
SENSE
ADJUST
ERROR AMP
ADJUST
C
T
1K
GROUND
OUTPUT
V
CC
V
REF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com