Electronic Components Datasheet Search
  English  ▼

X  

TL431BCLP Datasheet(PDF) 11 Page - Microsemi Corporation

Part # TL431BCLP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431BCLP Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button TL431BCLP Datasheet HTML 4Page - Microsemi Corporation TL431BCLP Datasheet HTML 5Page - Microsemi Corporation TL431BCLP Datasheet HTML 6Page - Microsemi Corporation TL431BCLP Datasheet HTML 7Page - Microsemi Corporation TL431BCLP Datasheet HTML 8Page - Microsemi Corporation TL431BCLP Datasheet HTML 9Page - Microsemi Corporation TL431BCLP Datasheet HTML 10Page - Microsemi Corporation TL431BCLP Datasheet HTML 11Page - Microsemi Corporation TL431BCLP Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
P RECISION P ROGRAMMABLE R EFERENCES
TL431/TL431A/TL431B
PRODUCT DA T ABOOK 1996/1997
11
Copyright © 1999
Rev. 1.3
9/99
P RODUCTION D ATA S HEET
APPLICA TION INFORMA TION
Note: R should provide
≥ 1mA cathode current to
the TL431/A & TL1431 at minimum V
BATT.
I
K
R1 0.1%
R2 0.1%
V
REF
TL431/A
& TL431B
V
BATT
V
O
R (see Note)


R1
R2
V
O =
1 +
* VREF
R1
R2
V
BATT
V
O
TL431/A
& TL431B
R1
R2
V
BATT
V
O
C
(see Note)
TL431/A
& TL431B


R1
R2
V
O =
1 +
* VREF
FIGURE 18 — HIGH CURRENT SHUNT REGULATOR
FIGURE 19 — CROWBAR CIRCUIT
Note: Refer to the stability boundary conditions in
Figure 15 to determine allowable values for C.
FIGURE 16 — SHUNT REGULATOR
FIGURE 17 — SINGLE-SUPPLY COMPARATOR WITH
TEMPERATURE-COMPENSATED THRESHOLD
Input
V
ON »
2V
V
OFF »
V
BATT
GND
V
BATT
V
O
TL431/A
& TL431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com