Electronic Components Datasheet Search
  English  ▼

X  

TL431BCLP Datasheet(PDF) 12 Page - Microsemi Corporation

Part # TL431BCLP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431BCLP Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button TL431BCLP Datasheet HTML 4Page - Microsemi Corporation TL431BCLP Datasheet HTML 5Page - Microsemi Corporation TL431BCLP Datasheet HTML 6Page - Microsemi Corporation TL431BCLP Datasheet HTML 7Page - Microsemi Corporation TL431BCLP Datasheet HTML 8Page - Microsemi Corporation TL431BCLP Datasheet HTML 9Page - Microsemi Corporation TL431BCLP Datasheet HTML 10Page - Microsemi Corporation TL431BCLP Datasheet HTML 11Page - Microsemi Corporation TL431BCLP Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
TL431/TL431A/TL431B
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.3
9/99
12
P RODUCTION D ATA S HEET
APPLICA TION INFORMA TION
R1A
R2A
12V
(Note)
R2B
R3 (see Note)
R4
TL431/A
& TL431B
R1B
R2B
Low Limit = 1 +
* VREF


R1B
R2B
High Limit = 1 +
* VREF


Note: R3 and R4 are selected to provide the desired LED intensity and
≥ 1mA
cathode current to the TL431/A & TL431B at the available V+.
FIGURE 20 — VOLTAGE MONITOR
FIGURE 21 — PRECISION CONTANT-CURRENT SINK
LED On when
Low Limit < V
BATT < High Limit


V
REF
R
S
I
O =
R
S
0.1%
V
BATT
I
O
TL431/A
& TL431B
PRODUCTION DATA - Information contained in this document is proprietary to LinFinity, and is current as of publication date. This document
may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com