Electronic Components Datasheet Search
  English  ▼

X  

TL431AILP Datasheet(PDF) 8 Page - Microsemi Corporation

Part # TL431AILP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431AILP Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button TL431AILP Datasheet HTML 4Page - Microsemi Corporation TL431AILP Datasheet HTML 5Page - Microsemi Corporation TL431AILP Datasheet HTML 6Page - Microsemi Corporation TL431AILP Datasheet HTML 7Page - Microsemi Corporation TL431AILP Datasheet HTML 8Page - Microsemi Corporation TL431AILP Datasheet HTML 9Page - Microsemi Corporation TL431AILP Datasheet HTML 10Page - Microsemi Corporation TL431AILP Datasheet HTML 11Page - Microsemi Corporation TL431AILP Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
TL431/TL431A/TL431B
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.3
9/99
8
P RODUCTION D ATA S HEET
TYPICAL CHARACTERISTICS
-5
-6
(t) Time - (s)
5
-3
0
2
4
68
1
2
-2
-1
3
f = 0.1 to 10Hz
I
K = 10mA
T
A = 25°C
-4
0
4
10
6
FIGURE 11. — EQUIVALENT INPUT NOISE VOLTAGE OVER A 10-SECOND PERIOD
19.1V
1k
W
910
W
2000µF
TL431/A
& TL431B (DUT)
2000µF
820
W
16
W
500µF
0.1µF
16k
W
16k
W
1µF
V
CC
V
EE
TLE2027
A
V = 10V/mV
1µF
33k
W
33k
W
V
EE
V
CC
TLE2027
2.2µF
CRO
1M
W
A
V = 2V/V
Test Circuit for 0.1Hz to 10Hz Equivalent Input Noise Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com