Electronic Components Datasheet Search
  English  ▼

X  

TL431AILP Datasheet(PDF) 9 Page - Microsemi Corporation

Part # TL431AILP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431AILP Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button TL431AILP Datasheet HTML 4Page - Microsemi Corporation TL431AILP Datasheet HTML 5Page - Microsemi Corporation TL431AILP Datasheet HTML 6Page - Microsemi Corporation TL431AILP Datasheet HTML 7Page - Microsemi Corporation TL431AILP Datasheet HTML 8Page - Microsemi Corporation TL431AILP Datasheet HTML 9Page - Microsemi Corporation TL431AILP Datasheet HTML 10Page - Microsemi Corporation TL431AILP Datasheet HTML 11Page - Microsemi Corporation TL431AILP Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
P RECISION P ROGRAMMABLE R EFERENCES
TL431/TL431A/TL431B
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 1999
Rev. 1.3
9/99
P RODUCTION D ATA S HEET
TYPICAL CHARACTERISTICS
FIGURE 12. —
SMALL-SIGNAL VOLTAGE AMPLIFICATION
vs. FREQUENCY
9µF
15k
W
8.25k
W
230
W
Output
GND
I
K
Test Circuit for Voltage Amplification
1k
100k
10M
-10
20
(f) Frequency - (Hz)
0
50
10k
1M
30
40
60
70
10
I
K = 10mA
T
A = 25°C
FIGURE 13. — REFERENCE IMPEDANCE vs. FREQUENCY
1k
100k
0.1
10
(f) Frequency - (Hz)
1
100
10k
1M
10M
I
K = 1mA to 100mA
T
A = 25°C
50
W
1k
W
I
K
Output
GND
Test Circuit for Reference Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com