Electronic Components Datasheet Search
  English  ▼

X  

PCP1103 Datasheet(PDF) 1 Page - ON Semiconductor

Part # PCP1103
Description  Bipolar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1103 Datasheet(HTML) 1 Page - ON Semiconductor

  PCP1103 Datasheet HTML 1Page - ON Semiconductor PCP1103 Datasheet HTML 2Page - ON Semiconductor PCP1103 Datasheet HTML 3Page - ON Semiconductor PCP1103 Datasheet HTML 4Page - ON Semiconductor PCP1103 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D1113 TKIM TC-00003073/N1208EA MSIM TC-00001718 No.A1346-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
December, 2013
PCP1103
Bipolar Transistor
–30V, –1.5A, Low VCE(sat) PNP Single PCP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
•
DC / DC converters, relay drivers, lamp drivers, motor drivers, IGBT gate drivers
Features
•
Adoption of MBIT process
•
Large current capacity
•
Low collector to emitter saturation voltage
•
High speed switching
•
High allowable power dissipation
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector to Base Voltage
VCBO
--30
V
Collector to Emitter Voltage
VCEO
--30
V
Emitter to Base Voltage
VEBO
--5
V
Collector Current
IC
--1.5
A
Collector Current (Pulse)
ICP
--5
A
Continued on next page.
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : ENA1346A
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
PCP1103-TD-H
2
3
1


Similar Part No. - PCP1103

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
PCP1103 SANYO-PCP1103 Datasheet
259Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results

Similar Description - PCP1103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com