Electronic Components Datasheet Search
  English  ▼

X  

PE9890 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9890
Description  WR-102 With Flange to N Male Waveguide to Coax Adapter Operating From 7 GHz to 11 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9890 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9890 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9890 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
Outline Drawing
WR-102 With Flange to N Male Waveguide to Coax Adapter Operating From 7 GHz to 11 GHz from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-102 With Flange to N Male Waveguide to Coax Adapter Operating From 7 GHz to 11 GHz
PE9890
URL: http://www.pasternack.com/wr-102-n-male-waveguide-coax-adapter-7-11-ghz-pe9890-p.aspx
PE9890
PE9890 REV 1.0
WR-102 With Flange to N Male Waveguide to Coax
Adapter Operating From 7 GHz to 11 GHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com