Electronic Components Datasheet Search
  English  ▼

X  

PE9890 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9890
Description  WR-102 With Flange to N Male Waveguide to Coax Adapter Operating From 7 GHz to 11 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9890 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9890 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9890 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Waveguide Interface
WR-102
Impedance
50 Ohms
RF Connector
N Male
RF Connector Impedance
50 Ohms
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
7
11
GHz
VSWR
1.3:1
.
Mechanical Specifications
Size
Length
2.63 in [66.8 mm]
Width/Dia.
1.68 in [42.67 mm]
Height
1.5 in [38.1 mm]
.
Weight
0.2 lbs [90.72 g]
Waveguide Interface
Type
WR-102
Body Material and Plating
Aluminum
Description
Flange
Waveguide
Interface
WR-102
Material
Plating
Color
..
RF Connector
Type
N Male
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-102 With Flange to N Male Waveguide to Coax Adapter Operating From 7 GHz to
11 GHz PE9890
PE9890
PE9890 REV 1.0
WR-102 With Flange to N Male Waveguide to Coax
Adapter Operating From 7 GHz to 11 GHz


Similar Part No. - PE9890

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9800 PASTERNACK-PE9800 Datasheet
263Kb / 2P
WR-62 to N Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9801 PASTERNACK-PE9801 Datasheet
260Kb / 2P
WR-90 to N Female Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9802 PASTERNACK-PE9802 Datasheet
100Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE :7.0~11.0 GHz
PE9803 PASTERNACK-PE9803 Datasheet
269Kb / 2P
WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9804 PASTERNACK-PE9804 Datasheet
75Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:8:20~12:40 GHz
More results

Similar Description - PE9890

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W42CA002 PASTERNACK-PE-W42CA002 Datasheet
424Kb / 4P
WR-42 With UG595-U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz K Band
PE-W28CA002 PASTERNACK-PE-W28CA002 Datasheet
439Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
PE9871 PASTERNACK-PE9871 Datasheet
345Kb / 3P
WR-102 Square Type Flange to End Launch SMA Female Waveguide to Coax Adapter Operating From 7 GHz to 11 GHz
PE9875 PASTERNACK-PE9875 Datasheet
372Kb / 4P
WR-62 Square Type Flange to N Female Waveguide to Coax Adapter Operating From 12.4 GHz to 18 GHz, Ku Band
PE9876 PASTERNACK-PE9876 Datasheet
384Kb / 4P
WR-137 CMR-137 Flange to N Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PE9882 PASTERNACK-PE9882 Datasheet
406Kb / 4P
WR-340 CPR-340F Flange to N Female Waveguide to Coax Adapter Operating From 2.2 GHz to 3.3 GHz, S Band
PE9883 PASTERNACK-PE9883 Datasheet
368Kb / 3P
WR-90 UDR100 Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz
PE9889 PASTERNACK-PE9889 Datasheet
384Kb / 4P
WR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWCA1002 PASTERNACK-PEWCA1002 Datasheet
367Kb / 3P
WR-51 Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 15 GHz to 22 GHz, N Band
PEWCA1005 PASTERNACK-PEWCA1005 Datasheet
367Kb / 3P
WR-75 Square Cover Flange to N Female Waveguide to Coax Adapter Operating From 10 GHz to 15 GHz, M Band
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com