Electronic Components Datasheet Search
  English  ▼

X  

6LP04MH Datasheet(PDF) 1 Page - ON Semiconductor

Part # 6LP04MH
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

6LP04MH Datasheet(HTML) 1 Page - ON Semiconductor

  6LP04MH Datasheet HTML 1Page - ON Semiconductor 6LP04MH Datasheet HTML 2Page - ON Semiconductor 6LP04MH Datasheet HTML 3Page - ON Semiconductor 6LP04MH Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6LP04MH
Rev.0 I Page 1 of 4 I www.onsemi.com
Features
•
1.5V drive.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--60
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--100
mA
Drain Current (Pulse)
IDP
PW≤10µs, duty cycle≤1%
--400
mA
Allowable Power Dissipation
PD
Mounted on a ceramic board (900mm2
✕0.8mm)
0.6
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--60V, VGS=0V
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--100µA
--0.4
--1.4
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--50mA
130
220
mS
RDS(on)1
ID=--50mA, VGS=--4V
6.5
8.5
Ω
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--30mA, VGS=--2.5V
7.4
11
Ω
RDS(on)3
ID=--10mA, VGS=--1.5V
10
20
Ω
Input Capacitance
Ciss
VDS=--20V, f=1MHz
15
pF
Output Capacitance
Coss
VDS=--20V, f=1MHz
3.5
pF
Reverse Transfer Capacitance
Crss
VDS=--20V, f=1MHz
1.0
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
75
ns
Rise Time
tr
See specified Test Circuit.
116
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
665
ns
Fall Time
tf
See specified Test Circuit.
270
ns
Marking : QA
Continued on next page.
Ordering number : ENA0457
6LP04MH
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
© 2011, SCILLC. All rights reserved.
Jan-2011, Rev. 0
www.onsemi.com
Publication Order Number:
6LP04MH/D


Similar Part No. - 6LP04MH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
6LP04MH SANYO-6LP04MH Datasheet
43Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - 6LP04MH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com