Electronic Components Datasheet Search
  English  ▼

X  

6LP04MH Datasheet(PDF) 3 Page - ON Semiconductor

Part # 6LP04MH
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

6LP04MH Datasheet(HTML) 3 Page - ON Semiconductor

  6LP04MH Datasheet HTML 1Page - ON Semiconductor 6LP04MH Datasheet HTML 2Page - ON Semiconductor 6LP04MH Datasheet HTML 3Page - ON Semiconductor 6LP04MH Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6LP04MH
Rev.0 I Page 3 of 4 I www.onsemi.com
0
0
20
40
0.1
0.2
0.3
0.4
0.5
0.7
0.6
60
80
100
120
140
160
IT11262
PD -- Ta
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(900mm
2✕
0.8mm)
VGS -- Qg
SW Time -- ID
Ciss, Coss, Crss -- VDS
yfs -- ID
IS -- VSD
Drain Current, ID -- A
Drain Current, ID -- mA
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
A S O
Drain-to-Source Voltage, VDS -- V
IT11261
0
0.1
0.3
0.5
0.2
0.4
0.6
0
--0.5
--1.0
--3.0
--2.0
--1.5
--3.5
--2.5
--4.0
IT11260
5
100
3
2
7
7
1000
5
3
2
IT11258
IT11256
--0.001
--0.01
23
5
2
7
--0.1
23
5
7
0--5
--10
--20
--25
--15
--30
1.0
10
5
3
7
7
2
2
3
5
IT11259
IT11257
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--0.1
--1.0
7
5
3
2
--100
7
5
3
2
2
--10
7
5
3
2
3
5
7
2
3
5
7
2
--0.01
3
5
7
--0.1
--0.001
2
23
5
7
23
5
7
--1.0
--100
35
7 --10
--0.1
VGS=0V
td(on)
td(off)
tf
tr
VDD= --30V
VGS= --4V
Ciss
Coss
Crss
VDS= --30V
ID= --100mA
≤10µs
IDP= --400mA
ID= --100mA
Operation in this
area is limited by RDS(on).
100ms
1ms
10ms
D
C operation
(T
a=25
°C
)
--1.0
10
--10
23
5
7
2
100
7
5
3
2
7
5
3
2
VDS= --10V
75
°C
Ta=
--25
°C
25
°C
f=1MHz
--100
35
2
3
5
7
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2
✕0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com