Electronic Components Datasheet Search
  English  ▼

X  

UPS140 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPS140
Description  SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 40 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS140 Datasheet(HTML) 1 Page - Microsemi Corporation

  UPS140 Datasheet HTML 1Page - Microsemi Corporation UPS140 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC1359.PDF 7/28/99
UPS140
SURFACE MOUNT
1A SCHOTTKY RECTIFIER
POWERMITE
®
® Power Surface Mount Package
Features:
Features:
•
Low Profile -- Maximum Height of 1.1 mm
•
Small Footprint -- Footprint Area of 8.45 mm
2
•
Low VF Provides Higher Efficiency and Extends Battery Life
•
Supplied in 12 mm Tape and Reel -- 12,000 Units per Reel
•
Low Thermal Resistance with Direct Thermal Path of Die on Exposed
Cathode Heat Sink
Mechanical Characteristics:
Mechanical Characteristics:
•
Powermite is JEDEC Registered as DO-216AA
•
Case: Molded Epoxy
•
Epoxy Meets UL94, VO at 1/8"
•
Weight: 62 mg (appoximately)
•
Device Marking: S20
•
Lead and Mounting Surface Temperature for Soldering Purposes,
•
260
°°C Maximum for 10 Seconds
Description:
Description:
The UPS140 Powermite Schottky rectifier is designed to offer optimized forward voltage characteristics for
battery powered portable products such as cellular and cordless phones, chargers, notebook computers,
printers, PDA's and PCMCIA cards. Typical applications include ac/dc and dc-dc converters, reverse battery
protection and "Oring" of multiple supply voltages.
The Powermite's patented heat sink design offers the same thermal performance rating as an SMA while being
50% smaller in footprint area and less than 1 mm in overall height. The result is a unique, highly efficient
Schottky rectifier in a space saving surface mount package.
Maximum Ratings
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current (At Rated VR, TC = 135
°°C)
IO
1.0
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 100 KHz, TC = 135
°°C
IFRM
2.0
A
Non-Repetitive Peak Surge Current
(Non-Repetitive peak surge current, halfwave, single phase, 60 Hz)
IFSM
50
A
Storage / Operating Case Temperature
Tstg, TC
-55 to 150
°°C
Operating Junction Temperature
TJ
-55 to 125
°°C
Voltage Rate of Change (Rated VR, TJ = 25
°°C)
dv/dt
10,000
V/
µµs
Thermal Characteristics
Thermal Resistance - Junction-to-Lead (Anode) (1}
Thermal Resistance - Junction-to-Tab (Cathode) (1}
Thermal Resistance - Junction-to-Ambient (1}
Rtji
Rtjtab
Rtja
35
15
248
°°C/W
(1) Pulse Test: Pulse Width
≤≤ 250 µµs, Duty Cycle ≤≤ 2%.
580 Pleasant St.
Watertown, MA 02472
PH: (617) 926-0404
FAX: (617) 924-1235
SCHOTTKY BARRIER
RECTIFIER
1.0 AMPERES
40 VOLTS


Similar Part No. - UPS140

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPS140 MCC-UPS140 Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
UPS140E MCC-UPS140E Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
logo
Microsemi Corporation
UPS140E3 MICROSEMI-UPS140E3 Datasheet
423Kb / 4P
Schottky Barrier Rectifier
More results

Similar Description - UPS140

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR0540T1 MOTOROLA-MBR0540T1 Datasheet
133Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 40 VOLTS
logo
Central Semiconductor C...
CMSH1-20ML CENTRAL-CMSH1-20ML Datasheet
107Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 & 40 VOLTS
logo
Microsemi Corporation
UPS840 MICROSEMI-UPS840 Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMPERES 40 VOLTS
logo
ON Semiconductor
MBR130T1 ONSEMI-MBR130T1 Datasheet
40Kb / 4P
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
February, 2001 ??Rev. 1
MBRS540T3 ONSEMI-MBRS540T3 Datasheet
52Kb / 6P
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS
September, 2004 ??Rev. 3
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
Shanghai Lunsure Electr...
1N17 CHENYI-1N17 Datasheet
227Kb / 2P
1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Rectron Semiconductor
SR1240-C-S-R01 RECTRON-SR1240-C-S-R01 Datasheet
201Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 12 Amperes
logo
Micro Commercial Compon...
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Motorola, Inc
MBRM120LT3 MOTOROLA-MBRM120LT3 Datasheet
136Kb / 4P
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 20 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com