Electronic Components Datasheet Search
  English  ▼

X  

UPS140 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UPS140
Description  SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 40 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS140 Datasheet(HTML) 2 Page - Microsemi Corporation

  UPS140 Datasheet HTML 1Page - Microsemi Corporation UPS140 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSC1359.PDF 7/28/99
UPS140
Electrical Characteristics
Maximum Instantaneous Forward Voltage (1)
VF
TJ = 25
°°C
V
(IF = 0.1 A)
(IF = 1.0 A)
(IF = 3.0 A)
0.36
0.45
0.75
Maximum Instantaneous Reverse Current
IR
TJ = 25
°°C
mA
(VR = 40 V)
0.40
(1) Pulse Test: Pulse Width
≤≤ 250 µµs, Duty Cycle ≤≤ 2%.
MECHANICAL DIMENSIONS
Figure 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com