Electronic Components Datasheet Search
  English  ▼

X  

SM5837AF Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5837AF
Description  Variable-length 1H Delay Line LSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5837AF Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5837AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM5837AF
NIPPON PRECISION CIRCUITS—4
DC Characteristics
VDD = 4.75 to 5.25 V, VSS = 0 V, Ta = −20 to 70 °C unless otherwise specified
AC Characteristics
VDD = 4.75 to 5.25 V, VSS = 0 V, Ta = −20 to 70 °C unless otherwise specified
1. Pin CLK.
2. Pins DI0 to DI11, PARA, DL0/SDI, DL1/SICK, DL2/LEN, DL3 to DL10, OE and RSTN.
3. Pins DO0 to DO11.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
IDD
VDD = 5.0 V, CLK frequency
fC = 40 MHz, OE = 0 V
–
–
85
mA
Input voltage(1) (2)
VIH
2.4
–
–
V
VIL
–
–
0.5
V
Output voltage(3)
VOH
IOH = −0.4 mA
4.0
–
–
V
VOL
IOL = 1.6 mA
–
–
0.4
V
Input current(2)
IIL
VIN = 0 V
–
10
20
µA
Input leakage current(1) (2)
ILH
VIN = VDD
––1
µA
Input leakage current(1)
ILL
VIN = 0 V
–
–
1
µA
Output high-impedance leakage
current(3)
IZH
VOUT = VDD
––5
µA
IZL
VOUT = 0 V
–
–
5
µA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
CLK clock cycle
tCP1
25
–
–
ns
CLK clock HIGH-level pulsewidth
tCH1
10
–
–
ns
CLK clock LOW-level pulsewidth
tCL1
10
–
–
ns
SICK clock cycle
tCP2
50
–
–
ns
SICK clock HIGH-level pulsewidth
tCH2
20
–
–
ns
SICK clock LOW-level pulsewidth
tCL2
20
–
–
ns
CLK, SICK and LEN rise time
tCR
1.0 to 2.0 V
–
–
10
ns
CLK, SICK and LEN fall time
tCF
1.0 to 2.0 V
–
–
10
ns
DI0 to DI11, DL0 to DL10 and RSTN
setup time
tS1
10
–
–
ns
DI0 to DI11, DL0 to DL10 and RSTN
hold time
tH1
0––
ns
SDI setup time
tS2
25
–
–
ns
SD1 hold time
tH2
25
–
–
ns
SICK rising edge
→ LEN rising edge
tCE
25
–
–
ns
LEN rising edge
→ SICK rising edge
tEC
25
–
–
ns
CLK
→ DO0 to D011 output delay
tPD
See “Load conditions 1”.
–
–
20
ns
CLK
→ DO0 to D011 output hold time
tOH
5––
ns
OE HIGH-level pulsewidth
tOEH
50
–
–
ns
OE LOW-level pulsewidth
t OEL
50
–
–
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com