Electronic Components Datasheet Search
  English  ▼

X  

CMFFUSE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CMFFUSE
Description  Metal Film Resistors, Special Purpose, Fusible, Flameproof
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMFFUSE Datasheet(HTML) 1 Page - Vishay Siliconix

  CMFFUSE Datasheet HTML 1Page - Vishay Siliconix CMFFUSE Datasheet HTML 2Page - Vishay Siliconix CMFFUSE Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMF Fusible
www.vishay.com
Vishay Dale
Revision: 14-May14
1
Document Number: 31031
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Film Resistors, Special Purpose, Fusible, Flameproof
FEATURES
• Special filming and coating processes
• Fusible - circuit protection in case of other
component failure
• Flameproof - meets EIA RS-325, will not flame
when overloaded
• Tape and reel packaging is standard
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and/or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information/tables in this datasheet for details.
Note
(1) Contact factory for extended values
Note
• For additional information on packaging, refer to the Through Hole Resistor Packaging document (www.vishay.com/doc?31544).
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P70 °C
W
RESISTANCE
RANGE (1)
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CMF55..39
CMF-55-39
0.25
4 to 10K
1
100
CMF60..64
CMF-60-64
0.50
4 to 23K
1
100
CMF70..5
CMF-70-5
1.5
4 to 30K
1
100
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CMF55..39
CMF60..64
CMF70..5
Rated Dissipation at 70 °C
W
0.25
0.50
1.5
Maximum Flame Test Voltage
VRMS
350
500
1000
Dielectric Strength
VAC
450
750
900
Insulation Resistance
1010
1010
1010
Operating Temperature Range
°C
-65/+165
-65/+165
-65/+165
Weight (Max.)
g
0.28
0.50
1.30
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: CMF55100R00FKRE39 (preferred part numbering format)
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
TEMP. COEFFICIENT
PACKAGING
SPECIAL
CMF55
CMF60
CMF70
R =
K = k
4R0000 = 4.0
680R00 = 680
23K000 = 23 k
F = ± 1 %
K = 100 ppm
EK = Lead (Pb)-free, bulk
EA = Lead (Pb)-free,
T/R (full)
EB = Lead (Pb)-free, T/R
(1000 pieces; except 70's)
39 = Fusible
CMF 55
64 = Fusible
CMF60
5 = Fusible
CMF70
BF = Tin/lead, bulk
RE = Tin/lead, T/R
(full; except 70's)
CP = Tin/lead, T/R
(full; 70's only)
R6 = Tin/lead, T/R
(1000 pieces; except 70's)
Historical Part Number example: CMF-55-391000F R36 (will continue to be accepted)
CMF-55-39
1000
F
R36
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
5510
R
0
F
0
MF
RE
3
K
C
0
9


Similar Part No. - CMFFUSE

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CMF IRCTT-CMF Datasheet
111Kb / 3P
Commercial Grade Metal Film Resistor
logo
List of Unclassifed Man...
CMF ETC2-CMF Datasheet
232Kb / 4P
SMD Multilayer Common Mode Filter
logo
Frontier Electronics.
CMF FRONTIER-CMF Datasheet
508Kb / 6P
THIN FILM COMMON MODE FILTERS
logo
Vishay Siliconix
CMF VISHAY-CMF Datasheet
146Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
logo
TT Electronics.
CMF TTELEC-CMF Datasheet
255Kb / 3P
Commercial Grade Metal Film Resistor
More results

Similar Description - CMFFUSE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
02-Feb-06
logo
Welwyn Components Limit...
EMC WELWYN-EMC Datasheet
59Kb / 3P
Pulse Withstanding Fusible Flameproof Metal Film Resistors
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
Flameproof Metal Film Resistors
MFP WELWYN-MFP Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
FP VISHAY-FP Datasheet
234Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
TT Electronics.
EMC TTELEC-EMC Datasheet
518Kb / 4P
Pulse Withstanding Fusible Flameproof Metal Film Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
Fusible Flameproof Resistors
01-MAR-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com