Electronic Components Datasheet Search
  English  ▼

X  

CMFFUSE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CMFFUSE
Description  Metal Film Resistors, Special Purpose, Fusible, Flameproof
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMFFUSE Datasheet(HTML) 2 Page - Vishay Siliconix

  CMFFUSE Datasheet HTML 1Page - Vishay Siliconix CMFFUSE Datasheet HTML 2Page - Vishay Siliconix CMFFUSE Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMF Fusible
www.vishay.com
Vishay Dale
Revision: 14-May14
2
Document Number: 31031
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Lead length for product in bulk pack. For product supplied in tape and reel, the actual lead length would be based on the body size, tape
spacing and lead trim.
FUSIBLE, FLAMEPROOF
(Typical Fusing Times)
Note
• Fusing time graphs represent an average for the resistance value range. Low resistance parts require higher power to fuse than high
resistance parts. It is recommended that values less than 200
 be evaluated for specific applications.
DIMENSIONS in inches (millimeters)
GLOBAL MODEL
A
B
C
(Max.)
D
CMF55..39
0.240 ± 0.020
(6.10 ± 0.51)
0.090 ± 0.008
(2.29 ± 0.21)
0.290
(7.37)
0.025 ± 0.002
(0.64 ± 0.05)
CMF60..64
0.370 ± 0.035
(9.40 ± 0.89)
0.145 ± 0.010
(3.68 ± 0.25)
0.425
(10.80)
0.032 ± 0.002
(0.81 ± 0.05)
CMF70..5
0.562 ± 0.031
(14.27 ± 0.79)
0.230 ± 0.015
(5.84 ± 0.38)
0.687
(17.54)
0.032 ± 0.002
(0.81 ± 0.05)
MARKING
Model: C55-39 = CMF55-39, C60-64 = CMF60-64, C70-5 = CMF70-5
Temperature coefficient: T1 = 100 ppm
CMF55-39, CMF60-64, CMF70-5: (5 lines)
DALE
C55-39
1.47 k

1 % T1
1130
Manufacturer
Model
Value
Tolerance and TC
4-digit date code
C
(Max.)
1.500 ± 0.125
(1)
(38.10 ± 3.18)
A
B
D
24
22
20
18
16
14
12
10
8
6
4
2
0
APPLIED POWER (W)
CMF55..39
CMF60..64
5
10
15
20
25
30
35
120
APPLIED POWER (W)
0
60
100
80
60
40
20
0
50
40
30
20
10
70
CMF70..5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com