Electronic Components Datasheet Search
  English  ▼

X  

CRCWEN802 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCWEN802
Description  Thick Film Chip Resistors with CECC Approval,available with Established Reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCWEN802 Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCWEN802 Datasheet HTML 1Page - Vishay Siliconix CRCWEN802 Datasheet HTML 2Page - Vishay Siliconix CRCWEN802 Datasheet HTML 3Page - Vishay Siliconix CRCWEN802 Datasheet HTML 4Page - Vishay Siliconix CRCWEN802 Datasheet HTML 5Page - Vishay Siliconix CRCWEN802 Datasheet HTML 6Page - Vishay Siliconix CRCWEN802 Datasheet HTML 7Page - Vishay Siliconix CRCWEN802 Datasheet HTML 8Page - Vishay Siliconix CRCWEN802 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CRCW.... EN802
www.vishay.com
Vishay Draloric
Revision: 01-Sep-15
1
Document Number: 28806
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Chip Resistors with CECC Approval,
available with Established Reliability
FEATURES
• IECQ-CECC
approved
to
EN 140401-802,
version E, with established reliability, failure rate
level E6
• IECQ-CECC
approved
to
EN 140401-802,
version A, without failure rate level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Military
•Avionics
• Industrial
Notes
• Specifications given for a product description ending “EN802 ..” apply likewise to both product versions, the “Version A”, whose description
ends with “EN802 E0” and the “Version E”, whose description ends with “EN802 E6”.
• These resistors do not feature a limited lifetime, when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
Note
• Failure rate level E6 (10-6/h,
πQ = 0.3), equivalent to MIL level P, is superior to level E5 (10-5/h, πQ = 1) and thus can be used as a replacement.
TECHNICAL SPECIFICATIONS
DESCRIPTION
CRCW0805 EN802 ..
CRCW1206 EN802 ..
Imperial size
0805
1206
Metric size code (EN/CECC style)
RR2012M
RR3216M
Resistance range
1
Ω to 1 MΩ; 0 Ω
Resistance tolerance
± 5 %; ± 1 %
Temperature coefficient
± 200 ppm/K; ± 100 ppm/K; ± 50 ppm/K
Rated dissipation,
P70
0.125 W
0.25 W
Operating voltage,
Umax. ACRMS or DC
150 V
200 V
Permissible film temperature,
ϑF max.
125 °C
Operating temperature range
-55 °C to 125 °C
Max. resistance change at
P70
for resistance, |
ΔR/R| max., after:
± 1 % tolerance products: 10
Ω to 1 MΩ
1000 h
≤ 1 %
8000 h
≤ 2 %
Insulation resistance
≥ 1 GΩ
Permissible voltage against
ambient (insulation):
1 min;
Uins
200 V
300 V
TECHNICAL SPECIFICATIONS for “Version A”
DESCRIPTION
CRCW0805 EN802 E0
CRCW1206 EN802 E0
Nominal failure rate level
E0
Quality factor,
πQ
3
Failure rate, FITobserved
< 0.1 x 10-9/h
TECHNICAL SPECIFICATIONS for “Version E”
DESCRIPTION
CRCW0805 EN802 E6
CRCW1206 EN802 E6
Assessed failure rate level
E6 = 10-6/h
Quality factor,
πQ
0.3
Failure rate, FITobserved
< 0.1 x 10-9/h


Similar Part No. - CRCWEN802

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCWE3 VISHAY-CRCWE3 Datasheet
113Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCWE3 VISHAY-CRCWE3 Datasheet
142Kb / 10P
Standard Thick Film Chip Resistors
23-Apr-2021
CRCWE3 VISHAY-CRCWE3_V01 Datasheet
142Kb / 10P
Standard Thick Film Chip Resistors
23-Apr-2021
More results

Similar Description - CRCWEN802

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWPM VISHAY-RCWPM_08 Datasheet
106Kb / 4P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
25-Jul-08
DEN802 VISHAY-DEN802 Datasheet
124Kb / 9P
Lead (Pb)-Bearing Thick Film Chip Resistors with CECC Approval, Available with Established Reliability
01-Sep-15
RCWPM VISHAY-RCWPM_15 Datasheet
372Kb / 5P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
15-Oct-15
MCS-0402-VG01 VISHAY-MCS-0402-VG01 Datasheet
155Kb / 8P
Thin Film Chip Resistors with Established Reliability
11-Jun-12
MMU-0102-VG03 VISHAY-MMU-0102-VG03 Datasheet
183Kb / 8P
MELF Resistors with Established Reliability
21-May-12
MCS0402VG01 VISHAY-MCS0402VG01 Datasheet
155Kb / 8P
Thin Film Chip Resistors with Established Reliability
11-Jun-12
MMU0102VG03 VISHAY-MMU0102VG03 Datasheet
183Kb / 8P
MELF Resistors with Established Reliability
21-May-12
FDG VISHAY-FDG Datasheet
134Kb / 7P
Axial Vitreous Leaded Wirewound Resistors with CECC Approval
28-Mar-17
MBA0204VG06 VISHAY-MBA0204VG06 Datasheet
166Kb / 9P
Leaded Metal Film Resistors with Established Reliability
27-Feb-2019
MSC0402VG01 VISHAY-MSC0402VG01 Datasheet
145Kb / 8P
Thin Film Chip Resistors With Established Reliability
16-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com