Electronic Components Datasheet Search
  English  ▼

X  

CRCWEN802 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRCWEN802
Description  Thick Film Chip Resistors with CECC Approval,available with Established Reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCWEN802 Datasheet(HTML) 3 Page - Vishay Siliconix

  CRCWEN802 Datasheet HTML 1Page - Vishay Siliconix CRCWEN802 Datasheet HTML 2Page - Vishay Siliconix CRCWEN802 Datasheet HTML 3Page - Vishay Siliconix CRCWEN802 Datasheet HTML 4Page - Vishay Siliconix CRCWEN802 Datasheet HTML 5Page - Vishay Siliconix CRCWEN802 Datasheet HTML 6Page - Vishay Siliconix CRCWEN802 Datasheet HTML 7Page - Vishay Siliconix CRCWEN802 Datasheet HTML 8Page - Vishay Siliconix CRCWEN802 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CRCW.... EN802
www.vishay.com
Vishay Draloric
Revision: 01-Sep-15
3
Document Number: 28806
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The ordering information according to EN 140401-802: 2007 shown above succeeds and replaces the ordering information according to
earlier versions of the detail specification EN 140401-802 or its predecessor CECC 40401-802, for example:
CECC 40401-802 EZ RR2012M B 562R F E6
CECC 40401-802 S RR2012 B 562R F E6
with
EZ; S
Assessment level, where EZ is successor to and superior replacement for S
RR2012M; RR2012
Style, with suffix M for “metric”
B
Temperature coefficient, according to the detail specification
A = ± 200 ppm/K; B = ± 100 ppm/K; C = ± 50 ppm/K
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: CRCW0805562RFKEAE6
Part Number for Zero Ohm Jumpers: CRCW08050000Z0EAE6
TYPE / SIZE
RESISTANCE
TOLERANCE
TCR
PACKAGING
SPECIAL
CRCW0805
CRCW1206
R = Decimal
K = Thousand
M = Million
0000 = Jumper
F = ± 1 %
J = ± 5 %
Z = Jumper
H = ± 50 ppm/K
K = ± 100 ppm/K
N = ± 200 ppm/K
0 = Jumper
EN
EA
EB
EN 140401-802 E6
EN 140401-802 E0
Product Description: CRCW0805 100 562R 1 % ET1 EN802 E6
Product Description for Zero Ohm Jumpers: CRCW0805 0R0 ET1 EN802 E6
CRCW0805
100
562R
1 %
ET1
EN802
E6
CRCW0805
-
0R0
-
ET1
EN802
E6
TYPE / SIZE
TCR
RESISTANCE
TOLERANCE
PACKAGING
SPECIFICATION
FAILURE RATE
LEVEL
CRCW0805
CRCW1206
± 50 ppm/K
± 100 ppm/K
± 200 ppm/K
10R = 10
Ω
562R = 562
Ω
10K = 10 k
Ω
1M = 1 M
Ω
0R0 = Jumper
± 1 %
± 5 %
E52
ET1
ET5
EN 140401-802
E6
E0
EN 140401-802 ORDERING INFORMATION
Example of the ordering information for a resistor: CRCW0805 100 562R 1 % EN802 E6
EN140401-802EZRR2012MS562RFE6
The elements used in the component number have the following meaning:
EN140401-802
EN detail specification number
EZ
Assessment level for the zero-defect approach
RR2012M
Style
S
Temperature coefficient, according to EN 60062
U = ± 200 ppm/K; S = ± 100 ppm/K; R = ± 50 ppm/K
562R
Resistance value, according to EN 60062, 4 characters
F
Tolerance on rated resistance, according to EN 60062
J = ± 5 %; F = ± 1 %
E6
Failure rate level according to EN 60115-1, table ZB.1
for “version A” the nominal failure rate level is E0
Please note that the EN 140401-802 ordering information is not specific to the nature of the termination plating.
C
R
C
W
0
8
0
5
0
0
0
0
Z
0
E
A
E
6
C
R
C
W
0
8
0
5
5
6
2
R
F
K
E
A
E
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com