Electronic Components Datasheet Search
  English  ▼

X  

GP2010 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # GP2010
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2010 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  GP2010 Datasheet HTML 1Page - Mitel Networks Corporation GP2010 Datasheet HTML 2Page - Mitel Networks Corporation GP2010 Datasheet HTML 3Page - Mitel Networks Corporation GP2010 Datasheet HTML 4Page - Mitel Networks Corporation GP2010 Datasheet HTML 5Page - Mitel Networks Corporation GP2010 Datasheet HTML 6Page - Mitel Networks Corporation GP2010 Datasheet HTML 7Page - Mitel Networks Corporation GP2010 Datasheet HTML 8Page - Mitel Networks Corporation GP2010 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DS3861
DS4057
DS4004
AN4364
DS4374
AN4533
The GP2010 is Mitel Semiconductor second generation
RF Front-end for Global Positioning System (GPS) receivers.
The GP2010 uses many innovative design techniques and a
leading-edge bipolar process to offer a low power, low cost
and high reliability RF Front End solution . The GP2010 is
designed to operate from either 3 or 5 Volt power supplies.
The input to the device is the L1 (1575.42MHz) Coarse-
Acquisition (C/A) code Global Positioning signal from an
antenna (via a low-noise pre-amplifier). The output is 2-bit
quantised for subsequent signal processing in the digital
domain. The GP2010 contains an on-chip synthesiser, mixers,
AGC and a quantiser which provides Sign and Magnitude
digital outputs. A minimum of external components is required
to make a complete GPS front-end.
The device has been designed to operate with the GP2021
12-channel Global Positioning Correlator, and DW9255 SAW
filter, both also available from Mitel Semiconductor.
FEATURES
s Low Voltage Operation (3V - 5V)
s Low Power - 200mW typ. (3V supply)
s C/A Code Compatible
s On-chip PLL Including Complete VCO
s Triple Conversion Receiver
s 44-Lead Surface Mount Quad Flat-Pack Package
s Sign and Magnitude Digital Outputs
s Compatible with GP2021 CMOS Correlator
APPLICATIONS
s C/A Code Global Positioning by Satellite Receivers
s Time Standards
s Navigation
s Surveying
ORDERING INFORMATION
The GP2010 is available in 44 pin Quad Flat pack (gullwing
formed leads) to Industrial (-40
°C to +85°C) grade.
ORDERING CODE
GP2010 IG GPBR Industrial - Plastic 44-pin PQFP
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
Name
IF Output
PLL Filter 1
PLL Filter 2
VEE (OSC)
VCC (OSC)
VEE (OSC)
VEE (REG)
PRef
PReset
VEE (IO)
CLK
MAG
SIGN
OPCIK-
OPCIK+
VDD (IO)
PDN
TEST
LD
VEE (DIG)
AGC -
AGC +
Name
VCC (DIG)
REF 2
REF 1
VCC (RF)
VEE (RF)
VEE (RF)
RF Input
VEE (RF)
VEE (RF)
VCC (RF)
O/P 1-
O/P 1+
VCC (2)
I/P 2-
I/P 2+
VEE (IF)
VEE (IF)
O/P 2-
O/P 2+
VCC (3)
I/P 3-
I/P 3+
Pin
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
Fig. 1 Pin connections - top view
GP
2010
22
21
20
19
18
17
16
15
14
13
12
34
35
36
37
38
39
40
41
42
43
44
GP
44
RELATED PRODUCTS AND PUBLICATIONS
Data
Reference
35.42MHz SAW Filter
Twelve-Channel Correlator
Twelve-Channel GPS receiver
development system
Design with the GP2010
Small RF Format Front End
Design with the GP2015
DW9255
GP2021
GPSBuilder-2
GP2010
GP2015
GP2015
Part
Description
Supersedes edition in August 1996 Global Positioning Products Handbook, HB4305-1.0
DS4056 - 3.4 October 1996
GP2010
GPS Receiver RF Front End


Similar Part No. - GP2010

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP201 DEC-GP201 Datasheet
366Kb / 2P
2 AMP SOFT GLASS PASSIVATED DIODES
logo
CT Micro International ...
GP201208-ATC3 CTMICRO-GP201208-ATC3 Datasheet
1Mb / 10P
SMD Type Green Emitter
Rev 2 Jan, 2021
GP201208-CTC3 CTMICRO-GP201208-CTC3 Datasheet
1Mb / 10P
SMD Type Green Emitter
Rev 2 Jan, 2021
logo
Mitel Networks Corporat...
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
Dynex Semiconductor
GP201MHS18 DYNEX-GP201MHS18 Datasheet
129Kb / 10P
Low VCE(SAT) Half Bridge IGBT Module
More results

Similar Description - GP2010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
GPS RF FRONT-END IC
Aug-1998
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
GPS RF FRONT-END IC
07-May-2002
logo
Mitel Networks Corporat...
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
STMicroelectronics
STA5620 STMICROELECTRONICS-STA5620 Datasheet
357Kb / 29P
Fully integrated RF front-end for GPS
24-Jul-2007
STA5630 STMICROELECTRONICS-STA5630 Datasheet
85Kb / 7P
Low power GPS RF front-end
22-Jul-2009
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
RF Front--End Receiver Module
Rev. 0, 07/2020
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
RF Front--End Receiver Module
Rev. 0, 05/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com