Electronic Components Datasheet Search
  English  ▼

X  

GP2010 Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # GP2010
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2010 Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button GP2010 Datasheet HTML 7Page - Mitel Networks Corporation GP2010 Datasheet HTML 8Page - Mitel Networks Corporation GP2010 Datasheet HTML 9Page - Mitel Networks Corporation GP2010 Datasheet HTML 10Page - Mitel Networks Corporation GP2010 Datasheet HTML 11Page - Mitel Networks Corporation GP2010 Datasheet HTML 12Page - Mitel Networks Corporation GP2010 Datasheet HTML 13Page - Mitel Networks Corporation GP2010 Datasheet HTML 14Page - Mitel Networks Corporation GP2010 Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
GP2010
11
Fig. 6 TCXO Reference connections
(25)
(24)
Ref 1
Ref 2
GP2010
NC
47nF
10.000MHz
TCXO
RB
RA
RA & RB SET TO REDUCE TCXO
O/P TO REQUIRED LEVEL
Fig. 7 VCO power-supply connections
GP2010
GP2010
100nF
V CCOSC
V EEOSC
V EEREG
(5)
(4)
(6)
(7)
3V
0V
No VCO Regulator needed
V CCOSC
V EEOSC
V EEREG
(5)
(4)
(6)
(7)
5V
0V
Using VCO regulator with Vcc > +4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com