Electronic Components Datasheet Search
  English  ▼

X  

MH88422 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MH88422
Description  Line Interface Circuit Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88422 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MH88422 Datasheet HTML 1Page - Mitel Networks Corporation MH88422 Datasheet HTML 2Page - Mitel Networks Corporation MH88422 Datasheet HTML 3Page - Mitel Networks Corporation MH88422 Datasheet HTML 4Page - Mitel Networks Corporation MH88422 Datasheet HTML 5Page - Mitel Networks Corporation MH88422 Datasheet HTML 6Page - Mitel Networks Corporation MH88422 Datasheet HTML 7Page - Mitel Networks Corporation MH88422 Datasheet HTML 8Page - Mitel Networks Corporation MH88422 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Information
MH88422
2-23
Functional Description
The MH88422 Line Interface Circuit is a COIC
(Central Office Interface Circuit) used to interface
FAX’s Modems or user defined equipment to Central
Office 2-Wire Analog Trunks.
Opto-Isolation
The isolation barrier is designed to meet regulatory
requirements for a reinforced barrier of 3kVac. It
provides full isolation of mains voltages up to 250V
RMS and all telecom voltages.
In order that this barrier is not bypassed a creepage/
clearance distance of 6.4mm minimum must be
maintained
between
wiring,
pcb
tracking,
etc.,
connected to external circuitry on either side of the
barrier. To make this requirement simpler, pins on the
MH88422 connected to opposite sides of the barrier
are on opposite sides of the package.
External Protection Circuit
To meet regulatory high voltage requirement, an
external protection circuit is required. The protection
circuit shown in Figure 3 (Clamp Diode D1) is
recommended.
DC Loop Termination
The DC loop termination circuitry provides the loop
with an active DC load termination when a logic low
is applied to the LC (Loop Control) input. The
termination
is
similar
to
a
resistance
of
approximately
300
Ω (loop current dependent).
Internal optically isolated circuitry is used to switch
the termination in and out the loop. This is used for
both seizing the line as well as generating dial
pulses. The MH88422 will not seize the line when
powered down.
Supervision Features
The supervision circuitry is capable of detecting
ringing voltage and loop current as well as the status
of an optional external monitor phone. The RVLC
(Ring Voltage Loop Current Detect) output provides
a logic low when loop current flows due to the
external monitor phone or the MH88422 being in the
off-hook mode.
The RVLC outputs pulses when the external monitor
phone is dial pulsing or when the MH88422 is dial
pulsing via the LC mode.
In addition, when the MH88422 is on-hook, a pulsing
output indicates that ringing voltage is across the tip
and ring leads; the pulsing output frequency is twice
the ringing frequency. See Figure 3.
Ringing frequency may require external validation.
An RC monostable is usually satisfactory for this
purpose or this may also be achieved using software
applications.
2-4 Wire Conversion
The
2-4
Wire
conversion
circuit
converts
the
balanced full duplex signal at Tip and Ring of the
central office line into a transmit ground referenced
signal at VX (Transmit) of the MH88422. It also
converts the receive ground referenced signal at VR
(Receive) of the MH88422 into a balanced transmit
signal at Tip and Ring of the central office line.
In full duplex transmission, the Tip-Ring signal
consists of an audio signal from the central office as
well as an audio signal due to the VR input. There is
an internal cancellation circuit which prevents the VR
signal appearing at the VX output. The degree to
which the 2-4 wire conversion circuit minimizes the
contribution of the VR signal at the VX output is
specified as transhybrid loss (THL).
The MH88422 is suitable to drive a COMBO II codec
or a VLSI modem device.
Line Impedance
The MH88422 provides a fixed Tip-ring impedance
which conforms to the following PTT requirements.
MH88422-1 Zin = 200 + 820 // 115nF
Germany
MH88422-2
Zin = 600
Ω
MH88422-3 Zin = 370 + 620 // 310nF
UK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com