Electronic Components Datasheet Search
  English  ▼

X  

MH88422 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MH88422
Description  Line Interface Circuit Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88422 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MH88422 Datasheet HTML 1Page - Mitel Networks Corporation MH88422 Datasheet HTML 2Page - Mitel Networks Corporation MH88422 Datasheet HTML 3Page - Mitel Networks Corporation MH88422 Datasheet HTML 4Page - Mitel Networks Corporation MH88422 Datasheet HTML 5Page - Mitel Networks Corporation MH88422 Datasheet HTML 6Page - Mitel Networks Corporation MH88422 Datasheet HTML 7Page - Mitel Networks Corporation MH88422 Datasheet HTML 8Page - Mitel Networks Corporation MH88422 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Information
MH88422
2-25
† DC Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡ Typical figures are at 25
°C with nominal+ 5V supplies and are for design aid only.
† Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡ Typical figures are at 25
°C and are for design aid only.
Note 1: All of the above characteristics use a test circuit as per Figure 3.
Note 2: All of the above test conditions use a test source impedance which matches the device’s impedance.
Note 3: dBm is referenced to 600
Ω unless otherwise stated.
DC Electrical Characteristics†
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
RVLC
LC
Supply Current
IDD
3mA
VDD = -5.0V, Idle state
2
Power Consumption
PC
15
mW
VDD = -5.0V, Idle state
3
Low Level Output Voltage
High Level Output Voltage
VOL
VOH
2.4
0.4
V
V
IOL = 4mA
IOH = 0.4mA
4
Low Level Input Voltage
High Level Input Voltage
Low Level Input Current
High Level Input Current
VIL
VIH
IIH
IIL
2.0
0.8
60
60
V
V
µΑ
µA
VIH = 5.0V
VIL = 0.0V
5
AC Electrical Characteristics† - MH88422 All Variants
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input Impedance VR
47k
Ω
2
Output Impedance at VX
10
Ω
3
Receive Gain (VR to 2-wire)
Frequency Response Gain
(relative to Gain @ 1kHz)
3.5
dB
Input 0.5V at 1kHz
40
0
dB
dB
300 Hz
3400 Hz
5
Signal Output Overload Level
at 2-Wire
at VX
THD <5% @ 1kHz
ILoop =15 to 40mA
+2.0
+3.0
dBm
VDD=4.5V to 5.5V
+2.0
+3.0
dBm
6
Total Harmonic Distortion
at 2-wire
at VX
THD
1.2
1.2
%
%
Input -10dB at 1kHz
DC loop = 25mA
VDD=5.0V
7
Power Supply Reject Ratio
at 2-wire
at VX
PSRR
30
30
dB
dB
Ripple 0.1V,1kHz on
VDD
8
Transhybrid Loss
THL
20
dB
Input -3.5dBm, 1kHz at
VR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com