Electronic Components Datasheet Search
  English  ▼

X  

MH88435-P Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MH88435-P
Description  Data Access Arrangement Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88435-P Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MH88435-P Datasheet HTML 5Page - Mitel Networks Corporation MH88435-P Datasheet HTML 6Page - Mitel Networks Corporation MH88435-P Datasheet HTML 7Page - Mitel Networks Corporation MH88435-P Datasheet HTML 8Page - Mitel Networks Corporation MH88435-P Datasheet HTML 9Page - Mitel Networks Corporation MH88435-P Datasheet HTML 10Page - Mitel Networks Corporation MH88435-P Datasheet HTML 11Page - Mitel Networks Corporation MH88435-P Datasheet HTML 12Page - Mitel Networks Corporation MH88435-P Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Information
MH88435-P
2-47
†
Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡Typical figures are at 25
°C with nominal + 5V supplies and are for design aid only.
Variations from Standard Loop Electrical Characteristics -
(MH88435AD-PI/MH88435AS-PI)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Ringing Voltage Threshold
VR
17
Vrms
-40˚C to 0˚C
2
Operating Loop Current
22
80
mA
-40˚C to 0˚C
+70˚C to +85˚C
DC Electrical Characteristics †
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Current
ICC
7mA
VCC = 5.0V, On-hook
2RV,
LCD
Low Level Output Voltage
High Level Output Voltage
VOL
VOH
2.4
0.4
V
V
IOL = 4mA
IOH = 0.4mA
3
LC
Low Level Input Voltage
High Level Input Voltage
Low Level Input Current
High Level Input Current
VIL
VIH
IIL
IIH
2.0
0
350
0.8
10
400
V
V
µA
µA
VIL = 0.0V
VIH = 5.0V
AC Electrical Characteristics †
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input Impedance
VR-
VR+
47k
94k
Ω
Ω
2
Output Impedance at VX
10
Ω
3
Receive Gain (VR to 2-Wire)
-1
0
1
dB
Test circuit as Fig. 8
Input 0.5V at 1kHz
4
Frequency Response Gain
(relative to Gain @ 1kHz)
-0.5
-0.5
+0.4
0
+0.5
+0.5
dB
dB
300Hz
3400Hz
5
Signal Output Overload Level
at 2-Wire
at VX
0
0
dBm
dBm
THD < 5% @ 1kHz
ILOOP = 25-75mA
6
Signal/Noise & Distortion
at 2-Wire
at VX
SINAD
70
70
dB
dB
Input 0.5V at 1kHz
ILOOP = 25-75mA
300-3400Hz
7
Power Supply Rejection Ratio
at 2-Wire
at VX
PSRR
25
25
40
40
dB
dB
Ripple 0.1Vrms 1kHz
on VCC
8
Transhybrid Loss
THL
16
25
dB
Test circuit as Fig.8
300-3400Hz at VR
9
2-Wire Input Impedance
Zin
Note 3
Ω
@1kHz
10
Return Loss at 2-Wire
(Reference 600
Ω)
RL
14
20
18
20
24
24
dB
dB
dB
Test circuit as Fig. 9
200-500Hz
500-2500Hz
2500-3400Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com