Electronic Components Datasheet Search
  English  ▼

X  

MH88435-P Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MH88435-P
Description  Data Access Arrangement Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88435-P Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MH88435-P Datasheet HTML 3Page - Mitel Networks Corporation MH88435-P Datasheet HTML 4Page - Mitel Networks Corporation MH88435-P Datasheet HTML 5Page - Mitel Networks Corporation MH88435-P Datasheet HTML 6Page - Mitel Networks Corporation MH88435-P Datasheet HTML 7Page - Mitel Networks Corporation MH88435-P Datasheet HTML 8Page - Mitel Networks Corporation MH88435-P Datasheet HTML 9Page - Mitel Networks Corporation MH88435-P Datasheet HTML 10Page - Mitel Networks Corporation MH88435-P Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Information
MH88435-P
2-45
Figure 5 - Typical Application Circuit
TIP
NB2
RING
VX
VR+
RV
LC
AGND
TIP
RING
C2
+5V
9
8
6
16
5
3
27
28
Analog
Input
Analog
Ringing Voltage Detect Output
Loop Control Input
MH88435
+
Output
C3
C1
Notes:
1) R1 & C1: Dummy Ringer, country specific
ZA
7
Zext
2) R2: DC Mask Resistor typical 360k
Ω
R1
25
24
VR-
4
Analog
Input
R2
LCD
15
Loop Current Detect Output
NB1
5) ZB: Network Balance Impedance
R3
R5
R6
R4
4) R5 = R6: Receive Gain Resistors typically 100k
3) R3 & R4: Transmit Gain Resistors
≥ 2k2
C6 +
10
VBIAS
typically 0.39
µF, 250V & 3kΩ
6) C2, C6 = 10
µF 6V
7) C7 & C8 = 39nF for 12kHz filter and 22nF for
16KHz filter. These can be left off if meter pulse
filtering not required.
8) Zext: External Impedance
9) D1 Zener Diode 6V2
10) L1, L2 = 4m7H 80mA. These can be left off if
meter pulse filtering not required.
D1
C7
L1
L2
C8
13 11
ZB
1
2
C4
C5
11) C3, C4 & C5 = 1
µF coupling capacitors
12) R7 = 620k
Ω (30V RMS ringing sensitivity)
D2
R7
13) D2 = Teccor P3100SB
= Ground (Earth)
22 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com