Electronic Components Datasheet Search
  English  ▼

X  

HVR25 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HVR25
Description  High Ohmic (up to 10 Mohm)/High Voltage (up to 3.5 kV) Metal Film Leaded Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVR25 Datasheet(HTML) 2 Page - Vishay Siliconix

  HVR25 Datasheet HTML 1Page - Vishay Siliconix HVR25 Datasheet HTML 2Page - Vishay Siliconix HVR25 Datasheet HTML 3Page - Vishay Siliconix HVR25 Datasheet HTML 4Page - Vishay Siliconix HVR25 Datasheet HTML 5Page - Vishay Siliconix HVR25 Datasheet HTML 6Page - Vishay Siliconix HVR25 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HVR25, HVR37
www.vishay.com
Vishay BCcomponents
Revision: 26-May-14
2
Document Number: 30260
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The PART NUMBER is shown to facilitate the introduction of the unified part numbering system
(2) Please refer to table PACKAGING, see next page
DIMENSIONS
PART NUMBER AND PRODUCT DESCRIPTION (1)
Part Number: HVR2500001503JA100
MODEL/SIZE
VARIANT
TCR/MATERIAL
VALUE
TOLERANCE
PACKAGING (2)
SPECIAL
HVR2500
HVR3700
0 = Neutral
0 = Standard
3 digit value
1 digit multiplier
MULTIPLIER
3 = *103
4 = *104
5 = *105
F =
 1 %
J =
 5 %
A1
A5
R5
N4
Up to 2 digits
00 = Standard
Product Description: HVR25 5 % A1 150K
HVR25
5 %
A1
150K
Model
TOLERANCE
PACKAGING (2)
RESISTANCE VALUE
HVR25
HVR37
± 1 %
± 5 %
A1
A5
R5
N4
150K = 150 k
4M64 = 4.64 M
PACKAGING
MODEL
TAPING
AMMO PACK
REEL
PIECES
CODE
PIECES
CODE
HVR25
Axial, 52 mm
5000
A5
5000
R5
1000
A1
Radial
4000
N4
HVR37
Axial, 52 mm
1000
A1
5000
R5
DIMENSIONS - Resistor types, mass and relevant physical dimensions
TYPE
L1 max.
(mm)
L2 max.
(mm)
Dmax.
(mm)
Ø d
(mm)
A
(mm)
MASS
(mg)
HVR25
6.5
7.5
2.5
0.58
 0.05
52.5
 1.5
220
HVR37
10
12
4
0.70
 0.03
52.5
 1.5
500
Ø D
L1
Ø d
L2
A
25
R
V
H0
0
0
0
1
5
0
3
J
A
1
0
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com