Electronic Components Datasheet Search
  English  ▼

X  

HVR25 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HVR25
Description  High Ohmic (up to 10 Mohm)/High Voltage (up to 3.5 kV) Metal Film Leaded Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVR25 Datasheet(HTML) 3 Page - Vishay Siliconix

  HVR25 Datasheet HTML 1Page - Vishay Siliconix HVR25 Datasheet HTML 2Page - Vishay Siliconix HVR25 Datasheet HTML 3Page - Vishay Siliconix HVR25 Datasheet HTML 4Page - Vishay Siliconix HVR25 Datasheet HTML 5Page - Vishay Siliconix HVR25 Datasheet HTML 6Page - Vishay Siliconix HVR25 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HVR25, HVR37
www.vishay.com
Vishay BCcomponents
Revision: 26-May-14
3
Document Number: 30260
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PRODUCTS WITH RADIAL LEADS (HVR25)
Note
• Please refer document number 28721 “Packaging” for more detail
MARKING
The nominal resistance and tolerance are marked on the resistor using four or five colored bands in accordance with IEC 60062,
marking codes for resistors and capacitors. Standard values of nominal resistance are taken from the E24 and E24/E96 series
for resistors with a tolerance of 5 % or 1 % respectively. The values of the E24/E96 series are in accordance with IEC 60063.
Yellow and grey are used instead of gold and silver because metal particles in the lacquer could affect high-voltage properties.
DIMENSIONS - Radial taping
SYMBOL
PARAMETER
VALUE
TOLERANCE
UNIT
P
Pitch of components
12.7
1.0
mm
P0
Feed-hole pitch
12.7
0.2
mm
P1
Feed-hole centre to lead at topside at the tape
3.85
 0.5
mm
P2
Feed-hole center to body center
6.35
 1.0
mm
F
Lead-to-lead distance
4.8
0.7/-0
mm
W
Tape width
18.0
 0.5
mm
W0
Minimum hold down tape width
5.5
-
mm
H1
Component height
29
Max.
mm
H0
Lead wire clinch height
16.5
0.5
mm
H
Height of component from tape center
19.5
 1mm
D0
Feed-hole diameter
4.0
0.2
mm
L
Maximum length of snipped lead
11.0
-
mm
L1
Minimum lead wire (tape portion) shortest lead
2.5
-
mm
P
P
2
W
W
0
D
0
P
1
P
0
L
1
L
F
H
0
H
1
H



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com