Electronic Components Datasheet Search
  English  ▼

X  

MH88600 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MH88600
Description  Global SLIC Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88600 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MH88600 Datasheet HTML 6Page - Mitel Networks Corporation MH88600 Datasheet HTML 7Page - Mitel Networks Corporation MH88600 Datasheet HTML 8Page - Mitel Networks Corporation MH88600 Datasheet HTML 9Page - Mitel Networks Corporation MH88600 Datasheet HTML 10Page - Mitel Networks Corporation MH88600 Datasheet HTML 11Page - Mitel Networks Corporation MH88600 Datasheet HTML 12Page - Mitel Networks Corporation MH88600 Datasheet HTML 13Page - Mitel Networks Corporation MH88600 Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
2-95
Preliminary Information
MH88600
Figure 8 - Using an External Network to Match any Zo
ZN13
ZN8
ZN6
ZN1
TF2
TF1
TIP
RF2
RF1
RD
VRR
SHK
EGB
PG4
TX
PG3
RING
40
27
21
25
26
22
19
18
14
16
3
4
5
6
10
9
RV1
K1
K1
K1
+ve
RELAY
SUPPLY
RINGING
MH88600
~
90VRMS
20Hz
RV2
RINGING
GENERATOR
VX
VR
CODEC
External Network
C3
Zo
C1=C2=10
µF, 10V Electrolytic
or tantalum
C3=1nF, 250V, 20%
C3 is recommended to
improve stability when
used on loop lengths less
than 500
Ω total or used
with active loads
Z=G x Zo
R=565.68 x G
Ω
G may be chosen to
suit preferred component
values (useful for
capacitive elements);
resistive elements should
have values in the range
of 1k to 1M
Ω. Typical values
See Table 2 for external
network examples.
Set Rp=1M
Ω for networks
not specifying an Rp
Z
Rs
Cp
Rp
Z
R
are G = 10
=
CONTROL
8
11
2
12
13
17
C1
C2
+5V
-5V
20
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com