Electronic Components Datasheet Search
  English  ▼

X  

MH88600 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH88600
Description  Global SLIC Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88600 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH88600 Datasheet HTML 1Page - Mitel Networks Corporation MH88600 Datasheet HTML 2Page - Mitel Networks Corporation MH88600 Datasheet HTML 3Page - Mitel Networks Corporation MH88600 Datasheet HTML 4Page - Mitel Networks Corporation MH88600 Datasheet HTML 5Page - Mitel Networks Corporation MH88600 Datasheet HTML 6Page - Mitel Networks Corporation MH88600 Datasheet HTML 7Page - Mitel Networks Corporation MH88600 Datasheet HTML 8Page - Mitel Networks Corporation MH88600 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2-84
MH88600
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1
No pin at this location.
2VBat
Battery Supply Voltage (Negative).
3RF1
Ring Feed (1): Connect to relay contact. See Figures 6 & 7.
4
RF2
Ring Feed (2). Connect to relay contact. See Figures 6 & 7.
5
RING
Connects to the “Ring” or “B” lead of the telephone line.
6
TIP
Connects to the “Tip” or “A” lead of the telephone line.
7I/C
Internal Connection.
8GNDBat
Battery Supply Ground (Positive): Connect to System Ground
9TF2
Tip Feed (2). Connect to TF1 for unbalanced ringing, see Figure 6. Connect to relay
contact for balanced ringing, see Figure 7.
10
TF1
Tip Feed (1). Connect to TF2 for unbalanced ringing, see Figure 6. Connect to relay
contact for balanced ringing, see Figure 7.
11
GNDA
Analog Ground: Normally connected to System Ground.
12
VEE
Negative Power Supply Voltage: Normally -5V.
13
VDD
Positive Power Supply Voltage: Normally +5V.
14
VRR
Ringing Relay Clamp Diode: Connect to relay coil and to relay supply voltage
(Positive). For +5V relay, connect to VDD.
15
RC
Ring Control (Input): A logic high will activate the Ring Relay Drive if SHK is high.
16
RD
Ring Relay Drive (Output). Connect to relay coil. A logic low will activate the relay by
sinking current from VRR through the relay coil.
17
LCA
Loop Current Adjust (Input): Loop current is proportional to the voltage at this input.
Normally connected to VRef
18
SHK
Switch Hook Detect (Output): A logic low indicates an off-hook condition.
19
EGB
Earth Ground Button (Output): A logic low indicates a grounded Ring lead condition.
20
VRef
Voltage Reference (Output): Normally connected to LCA for default loop current.
ZN13
ZN12
ZN11
ZN10
ZN9
ZN8
ZN7
ZN6
ZN5
ZN4
ZN3
ZN2
ZN1
TX
PG3
PG1
PG2
PG4
ZN0
ZN14
VBat
RF1
RF2
RING
TIP
IC
GNDBat
TF2
TF1
GNDA
VEE
VDD
VRR
RC
RD
LCA
SHK
EGB
VRef
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com