Electronic Components Datasheet Search
  English  ▼

X  

P0505 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P0505
Description  High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P0505 Datasheet(HTML) 5 Page - Vishay Siliconix

  P0505 Datasheet HTML 1Page - Vishay Siliconix P0505 Datasheet HTML 2Page - Vishay Siliconix P0505 Datasheet HTML 3Page - Vishay Siliconix P0505 Datasheet HTML 4Page - Vishay Siliconix P0505 Datasheet HTML 5Page - Vishay Siliconix P0505 Datasheet HTML 6Page - Vishay Siliconix P0505 Datasheet HTML 7Page - Vishay Siliconix P0505 Datasheet HTML 8Page - Vishay Siliconix P0505 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
P
www.vishay.com
Vishay Sfernice
Revision: 20-Feb-15
5
Document Number: 53017
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POPULAR OPTIONS
For any option it is recommended to consult Vishay Sfernice for availability first.
Option: Enlarged Terminations
For stringent and special power dissipation requirements, the thermal resistance between the resistive layer and the solder joint
can be reduced using enlarged terminations chip resistors which are soldered on large and thick copper pads acting as heatsink
(see application note: 53048 Power Dissipation in High Precision Vishay Sfernice Chip Resistors and Arrays (P Thin Film, PRA
Arrays, CHP Thick Film) www.vishay.com/doc?53048.
Option to order 0063: (applies to size 1206/1505/2010).
DIMENSIONS (Option 0063) in millimeters
CASE SIZE
AB
E
D
F
MAX. TOL.
+0.152
MIN. TOL.
-0.152
MAX. TOL.
+0.127
MIN. TOL.
-0.127
MAX. TOL.
+0.13
MIN. TOL.
-0.13
MAX. TOL.
+0.13
MIN. TOL.
-0.13
NOMINAL
NOMINAL
NOMINAL
NOMINAL
NOMINAL
MIN.
MAX.
1206
3.06
1.60
0.40
1.215
0.63
0.50
0.76
1505
3.81
1.32
0.48
1.59
2010
5.08
2.54
2.215
2512
6.30
3.30
2.835
SUGGESTED LAND PATTERN (Option 0063)
CHIP SIZE
DIMENSIONS (IN MILLIMETER)
Zmax.
Gmin.
Xmax.
1206
3.91
0.50
1.73
1505
4.66
1.45
2010
5.93
2.67
2512
7.15
3.43
A
B
D
E
F
Enlarged
termination
Uncoatted
ceramic
Bottom view for mounting
G
min.
Z
max.
X
max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com