Electronic Components Datasheet Search
  English  ▼

X  

P0505 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # P0505
Description  High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P0505 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button P0505 Datasheet HTML 2Page - Vishay Siliconix P0505 Datasheet HTML 3Page - Vishay Siliconix P0505 Datasheet HTML 4Page - Vishay Siliconix P0505 Datasheet HTML 5Page - Vishay Siliconix P0505 Datasheet HTML 6Page - Vishay Siliconix P0505 Datasheet HTML 7Page - Vishay Siliconix P0505 Datasheet HTML 8Page - Vishay Siliconix P0505 Datasheet HTML 9Page - Vishay Siliconix P0505 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
P
www.vishay.com
Vishay Sfernice
Revision: 20-Feb-15
6
Document Number: 53017
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Option: Marking
Option to order 0013:
Marking of ohmic value and tolerance:
Sizes: 0805 to 1005: 3 digits marking (according to EIA-96)
Sizes: 1206 to 2512: 4 digits marking (same codification than in the ordering procedure)
Tolerance indicated by a color dot.
Option to order 0014:
Marking of ohmic value:
Sizes: 0805 to 1005: 3 digits marking (according to EIA-96)
Sizes: 1206 to 2512: 4 digits marking (same codification than in the ordering procedure)
No standard marking available for smaller sizes.
A price adder will apply to the unit price of the parts for options 0013 and 0014.
Option: AEC-Q200
For moisture resistance test only.
Option to Order 0058:
Specific production process to withstand 85 °C/85 % at Pn/10
PACKAGING
ESD packaging available: waffle-pack, and plastic tape and
reel (low conductivity). Paper tape available in standard (for
size 0402) and upon request (ESD only) (for size 0603, 0805,
and 1206).
PACKAGING RULES
Waffle Pack
Can be filled up to maximum quantity indicated in the table
here above, taking into account the minimum order quantity.
When quantity ordered exceeds maximum quantity of a
single waffle pack, the waffle packs are stacked up on the
top of each other and closed by one single cover.
To get “not stacked up” waffle pack in case of ordered
quantity > maximum number of pieces per package:
Please consult Vishay Sfernice for specific ordering
code.
Tape and Reel
See Part Numbering information to get the quantity desired
by tape.
Notes
(1) Option to order 0058.
(2) Typical drift ± 0.02 % at Pd.
SIZE
MOQ
NUMBER OF PIECES PER PACKAGE
TAPE
WIDTH
WAFFLE PACK
2" × 2"
TAPE AND REEL
MIN.
MAX.
0302
250
340
100
5000
8 mm
0402
100
0505
100
4000
0603
5000
0805
4000
1005
221
1206
140
1505
60
2010
2000
2512
50
PERFORMANCE
TESTS
CONDITIONS
MIL OR CECC
REQUIREMENTS
TYPICAL
PERFORMANCES
Thermal shock
MIL-PRF-55342G
MIL-STD-202 F-Method 107 F
± 0.05 %
± 0.02 %
Short time overload
MIL-PRF-55342G
PARA 3.10.4.7.5
± 0.05 %
± 0.01 %
Low temperature operation
MIL-PRF-55342G
PARA 3.9 and 4.7.4
± 0.05 %
± 0.01 %
Resistance to solder heat
MIL-PRF-55342G
PARA 3.12, 4.7.7, 4.7.1.2
± 0.05 %
± 0.03 %
Moisture resistance
MIL-PRF-55342G
PARA 3.13 and 4.7.8
MIL-STD-202 F-Method 106 E
± 0.10 %
± 0.01 %
CECC 56 days/40 °C/93 % RH
± 0.10 %
± 0.01 %
AEC-Q200 (1)
85 °C/85 % RH/Pn/10, 1000 h
± 0.5 % + 0.05
Max. < 0.3 % + 0.05
High temperature
MIL-PRF-55342G
PARA 3.11 and 4.7.6
± 0.05 %
± 0.05 %
Load life
MIL-PRF-55342G
8000 h Pn at 70 °C
MIL-STD-202 F-Method 108 A
± 0.5 %
± 0.1 % (2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com