Electronic Components Datasheet Search
  English  ▼

X  

MH88622 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MH88622
Description  DUAL OPS SLIC Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88622 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MH88622 Datasheet HTML 2Page - Mitel Networks Corporation MH88622 Datasheet HTML 3Page - Mitel Networks Corporation MH88622 Datasheet HTML 4Page - Mitel Networks Corporation MH88622 Datasheet HTML 5Page - Mitel Networks Corporation MH88622 Datasheet HTML 6Page - Mitel Networks Corporation MH88622 Datasheet HTML 7Page - Mitel Networks Corporation MH88622 Datasheet HTML 8Page - Mitel Networks Corporation MH88622 Datasheet HTML 9Page - Mitel Networks Corporation MH88622 Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2-180
MH88622
Preliminary Information
Figure 4 - Typical Protection Circuit
PROTECTION
PTC
RESISTOR
5 Ohms
TISP2290
or
P2702AB
T
R
PTC
RESISTOR
5 Ohms
T
R
Off-Hook and Dial Pulse Detection
The SHK pin goes low when e DC loop current
exceeds a specified level. The threshold level is
internally set by the bias voltage of the switch hook
detect circuit.
Dial
pulse
can be detected by monitoring
the
interruption rate at the SHK pin. These dial pulses may
need to be debounced by the systems software.
Ring Trip Detection
The interface permits detection of an Off-Hook
condition during ringing. If the subscriber set goes
Off-Hook when the ringing signal has been applied,
the DC loop current flow will be detected within
approx. 100msecs and the SHK output will go low.
The ringing is automatically disabled by the internal
hardware.
Longitudinal Balance
Precision laser trimming of resistors in the hybrids
ensures good overall longitudinal balance.
The interface circuitry can operate in the presence of
induced longitudinal currents of up to 40mA rms at
60Hz.
High Voltage Capability
Inherent in the thick film process is the ability of the
thick film process dielectric strengths of greater than
1000 VAC or 1500 VDC. The thick film process
allows
easy
integration
of
surface
mount
components such as the high voltage bi-polar power
transistor line drivers. This allows for simpler, less
elaborate and less expensive protection circuitry
required to handle high voltage transients and fault
conditions caused by lightening, induced voltages
and power line crossing.
On Hook Transmission
The MH88622 provides for on-hook transmission
which supports features such as Automatic Number
identifications (ANI).
Loop Length
The MH88622 can accommodate loop length of up to
2000
Ω
minimum
(including
the
subscriber
equipment).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com