Electronic Components Datasheet Search
  English  ▼

X  

MH88622 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH88622
Description  DUAL OPS SLIC Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88622 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH88622 Datasheet HTML 1Page - Mitel Networks Corporation MH88622 Datasheet HTML 2Page - Mitel Networks Corporation MH88622 Datasheet HTML 3Page - Mitel Networks Corporation MH88622 Datasheet HTML 4Page - Mitel Networks Corporation MH88622 Datasheet HTML 5Page - Mitel Networks Corporation MH88622 Datasheet HTML 6Page - Mitel Networks Corporation MH88622 Datasheet HTML 7Page - Mitel Networks Corporation MH88622 Datasheet HTML 8Page - Mitel Networks Corporation MH88622 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2-174
MH88622
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1TIP1
Tip Lead. Connects to the “TIP” lead of subscriber line 1.
2RING1
Ring Lead. Connects to the “RING” lead of subscriber line 1.
3VBAT
Battery Voltage. Typically -48V dc is applied to this pin. This should be connected to pin 38
of the hybrid on the PCB.
4
DCRI
DC Ringing Voltage Input. A continuous 120V dc is applied to this input to achieve
90Vrms ringing. This should be connected to pin 37 of the hybrid.
5GND
Ground. This pin should be tied to pins 13, 28 & 36 on the PCB.
6ESI1
External Signal Input (Input). A continuous signal should be applied to this pin which will
be switched to “Tip” and “Ring” of subscriber 1.
7ESE1
External Signal Enable (Input). The external signal to the subscriber 1 is controlled by a
logic level applied to this pin.
8VR1
Receive (Input). 4-Wire GND referenced audio input for subscriber 1.
9SHK1
Off Hook Indication (Output). A logic low output indicates when subscriber 1 equipment
has gone off hook.
10
LCS1
Loop Current Set 1. Logic 1 gives ILoop = 40mA, Logic 0 gives ILoop = 25mA
11
VX1
Transmit (Output). 4-Wire, GND referenced audio output for subscriber 1.
12
VEE
Negative Supply Voltage. -5Vdc. Connects to pin 29 of the hybrid on the PCB.
13
GND
Ground. Return path for VDD, VEE, VBat & DCRI. This pin should be connected to pins 5,
28 & 36 of the hybrid on the PCB.
14
VDD
Positive Supply Voltage. +5Vdc. Connect to pin 27 of the hybrid on the PCB.
15
LR1
Line Reversal. A logic 1 applied to LR1 will reverse the “Tip” and “Ring” to subscriber 1.
This pin has an internal pull down.
16
RC1
Ringing Control (Input). A logic level applied to this pin enables ringing to be applied
across Tip and Ring of subscriber 1.
RGV
RG1
NC
NC
RC2
LR2
VDD
GND
VEE
VX2
LCS2
SHK2
VR2
ESE2
ESI2
GND
DCRI
VBat
RING2
TIP2
TIP1
RING1
VBAT
DCRI
GND
ESI1
ESE1
VR1
SHK1
LCS1
VX1
VEE
GND
VDD
LR1
RC1
NC
NC
RF1
RF2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com