Electronic Components Datasheet Search
  English  ▼

X  

PRL1201 Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL1201
Description  AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL1201 Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  PRL1201 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL1201 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL1201 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
Note:
•PRL1201 series are designated as PRL1201-y where y can be 05, 10, 12, 15, 18, 24, 28, 36, 48 or 54.
•Providing peak power to 700W within 500uS for all models, longer duty duration need contact manufacturer.
•All output range are covered in agencies certification and the preset voltage will be set as standard models if any request
is not preset output then should contact us in advance.
•Maximum 400W continuous output with air convection for U type models.
•1% minimum load is required to maintain the ripple and regulation.
•Output is fully isolated
•Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output terminals with parallel 0.1µF ceramic and 22µF
electrolytic capacitors.
Input Connector (CN1):
Mating Molex Part No. 09-50-3071 or equivalent (7 pin,5 used)
Howder Terminal block Part No. HD-121-3P
Output Connector (CN2):
Howder Terminal block Part No. HD-121-6P
Mating Molex Part No. 09-50-3141 (14 pin)
Output Pin Assignment: (See table in right).
Mounting Inserts: 6-
32, M4 4Places individually with maximum penetration 0.15” on bottom
side and 0.25” on both side
Logic signal connector (CN3):
Mating JST XHP-3 or equivalent (CHYAO SHIUNN JS-1001-05)
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 TO 26
PIN1: RS+ PIN2: RS-
PIN3: RSW
PIN4: RTN
PIN5: P.G
Howder
Molex
Pins 1 ~ 3: VO+
Pins 1 ~ 7: VO+
Pins 4 ~ 6: VO-
Pins 8~ 14: VO-
OUTLINE DRAWING:
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
Model
Output Range
Preset
Voltage
Max. Output Current/Power
Regulation
Ripple &
Noise
Type U Convection
PRL1201-05
3
– 5V
5 V
60A
1%
1%
PRL1201-10
6
– 10V
10 V
40A
1%
1%
PRL1201-12
11
– 13V
12 V
400W
1%
1%
PRL1201-15
13.5
– 16V
15 V
400W
1%
1%
PRL1201-18
17
– 21V
18V
400W
1%
1%
PRL1201-24
22
– 25V
24V
400W
1%
1%
PRL1201-28
26
– 30V
28V
400W
1%
1%
PRL1201-36
31
– 40V
36V
400W
1%
1%
PRL1201-48
41
– 50V
48V
400W
1%
1%
PRL1201-54
51
– 60V
54V
400W
1%
1%
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com