Electronic Components Datasheet Search
  English  ▼

X  

PRL1201 Datasheet(PDF) 3 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL1201
Description  AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL1201 Datasheet(HTML) 3 Page - ULTRA LEVEL TECH CO., LTD.

  PRL1201 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL1201 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL1201 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CN1
B: MOUNTING HOLE 8 PLACE
6-32 UNC(Zn-plated)
SCALE 4:1
B
C:MOUNTING HOLE 8 PLACE
M4X0.7 (BRASS)
SCALE 4:1
C
C
B
C
B
C
B
C
B
C
B
B
C
B
C
CN3
RS+
RTN
RS-
PG
RSW
MOLEX PART NO.
09-50-3071
(7 PINS, 5 USED)
PIN NO.3,6 NC
TERMINAL BLOCK
3PINS 9.5mm CENTER
TERMINAL BLOCK
6PINS 9.5mm CENTER
CN3
CN2
OPTIONAL CONNECTOR
MOLEX PART NO.
09-50-3141 (14 PINS)
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com