Electronic Components Datasheet Search
  English  ▼

X  

CDT3155 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # CDT3155
Description  ??쮮凉뤷뙑LED 雍멨눣?㎩댍IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3155 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  CDT3155 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3155 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3155 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3155 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3155 Datasheet HTML 5Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDT-3155 ---
4
1
1
1
CDT3155
P. 4
可程式化 LED 輸出控制 IC
■
8 段 連 續 功 能 :
■
16 腳 IC 成 品 包 裝
1. 單燈來回閃
5. 由外向內來回閃
2. 雙燈來回閃
6. 全閃
3. 連亮
7. 連亮連滅
4. 連滅
8. 漸明漸暗
■
說 明
1. MUEN
-- 當 High 時,Flash LED 動作
-- 當 Low 時,Flash LED OFF
2. MUDET -- 當有音樂時,MOEN,LEN 皆變 High,可接 NPN 晶體推 Motor。
EXP:LEN
EXP:MOEN
VSS
OSCO
L5
OSCI
L4
VDD
L3
TEST
L2
MUEN
L1
MUDET
16
2
15
3
14
4
13
5
12
MOEN
LEN
6
11
7
10
- -
- -
8
9
CDT3155
VSS
OSCO
L5
OSCI
L4
VDD
L3
TEST
L2
MUEN
L1
MUDET
MOEN
LEN
16
2
15
3
14
4
13
5
12
6
11
7
10
- -
- -
8
9
180K
+3V
CDT3155
- -
- -
OSC
- -
TEST
- -
ON OFF
- -
OS
- -
LED
- -
LH
- -
16
2
15
3
14
4
13
5
12
6
11
7
10
BZ2
- -
8
9
CDT5115
A
B
P
OS
BZ
A13
接 RELAY
A13
接 RELAY
音樂 IC
■CDT-3155
與音樂 IC 配合線



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com