Electronic Components Datasheet Search
  English  ▼

X  

CDT3155 Datasheet(PDF) 5 Page - BOWIN ELECTRONIC CO.

Part # CDT3155
Description  ??쮮凉뤷뙑LED 雍멨눣?㎩댍IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3155 Datasheet(HTML) 5 Page - BOWIN ELECTRONIC CO.

  CDT3155 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3155 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3155 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3155 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3155 Datasheet HTML 5Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CDT-3155 ---
5
1
CDT3155
P. 5
可程式化 LED 輸出控制 IC
■
聲 控 線 路(參考用)
說
明
1. 當聲控線路有聲音時, 就給予 MUDET 信號, 如此 LEN 或
MOEN 就變 HIGH.
2. 利用 Q2 之導通接電阻去並聯 Rosc (180K), 如此燈泡閃爍速度
會變快.
3. 沒有聲音時又回到原來之速度.
4. 聲控線路要稍有延遲之控制, 不然信號太短, 看來燈泡好似一直
在全閃而已.
VSS
OSCO
L1
OSCI
L2
VDD
L3
- -
L4
MUEN
L5
MUDET
MOEN
LEN
16
2
15
3
14
4
13
5
12
6
11
7
10
- -
- -
8
9
8050
8050
8050
8050
8050
A
B
A
:快閃
B
:慢閃
Q2
Q1
104
470K
1.5M
68K
180K
1K
1K
1K
1K
1K
聲控線路
CDT3155



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com