Electronic Components Datasheet Search
  English  ▼

X  

CDT3261 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # CDT3261
Description  訝됧?LED ?덃끝雍멨눣?㎩댍IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3261 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  CDT3261 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3261 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3261 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3261 Datasheet HTML 4Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDT-3261 ---
1
CDT3261
P 1
三個 LED 燈泡輸出控制 IC
■
使 用 說 明
■
特
性
CDT3261 是專門設計應用於低壓 3 個 LED
CMOS 製造技術
輸出推動 IC。
工作電壓範圍:1.35~5.00V DC
靜態電流 < 5µA
IC 使用時,可以不必外接零件。
On/Off 按鍵開關
閃爍方式 ─ 亂閃或順閃
CDT3261 頻率由打線決定:
(內定--亂閃,接 VDD--順閃)
輸出電流 > 25mA (VDD=3V)
LED 閃爍為 1/4 週期有效性
每一 IC 有 3 種固定速度選擇
可再外接電阻加快,電容減慢
Power On ─ On Mode
OPT
+VSS
(OP1)
+VDD
(OP2)
空腳
(OP3)
頻率
1Hz
2Hz
3Hz
1
L1
L3
L2
1
TEST VDD RD/SQ ON/OFF
1
OSCI
VSS
OPT
CDT3261
3VDC
OP3
OP1
OP2
OP1
1Hz
(+VSS)
OP2
2Hz
(+VDD)
OP3
3Hz
(空腳)
其朋半導體股份有限公司
Chip Design Technology
Inc.
89 年 7 月 6 日


Similar Part No. - CDT3261

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3266 BOWIN-CDT3266 Datasheet
111Kb / 3P
鈺?젿?쭵C
CDT3269 BOWIN-CDT3269 Datasheet
150Kb / 5P
???LED 雍멨눣?㎩댍IC
More results

Similar Description - CDT3261

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3138 BOWIN-CDT3138 Datasheet
105Kb / 2P
訝됧?LED 雍멨눣?㎩댍IC
CDT3143 BOWIN-CDT3143 Datasheet
100Kb / 5P
?쎾?LED ?덃끝雍멨눣?㎩댍IC
CDT3159 BOWIN-CDT3159 Datasheet
178Kb / 10P
???LED ?덃끝雍멨눣?㎩댍IC
CDT3176 BOWIN-CDT3176 Datasheet
108Kb / 6P
訝됧? LED 雍멨눣?㎩댍 IC
CDT3189 BOWIN-CDT3189 Datasheet
110Kb / 4P
訝됧?LED 雍멨눣?㎩댍IC
CDT3220 BOWIN-CDT3220 Datasheet
85Kb / 1P
訝??LED 雍멨눣?㎩댍IC
CDT3255G BOWIN-CDT3255G Datasheet
96Kb / 3P
訝됧?LED 雍멨눣?㎩댍IC
CDT3332-15 BOWIN-CDT3332-15 Datasheet
81Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3457 BOWIN-CDT3457 Datasheet
104Kb / 4P
???LED 雍멨눣?㎩댍IC
CDT7350 BOWIN-CDT7350 Datasheet
197Kb / 9P
?곭탡?덃끝雍멨눣?㎩댍IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com