Electronic Components Datasheet Search
  English  ▼

X  

CDT3261 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # CDT3261
Description  訝됧?LED ?덃끝雍멨눣?㎩댍IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3261 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  CDT3261 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3261 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3261 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3261 Datasheet HTML 4Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDT-3261 ---
3
CDT3261-01
P 3
三個 LED 燈泡輸出控制 IC
■ CDT3261-01
頻率分類打線方法
(1). 1 秒閃 1 圈 (OPT 接 VSS)(1Hz)
(2). 1 秒閃 2 圈 (OPT 接 VDD)(2Hz)
(3). 1 秒閃 3 圈 (OPT 空接)(3Hz)
(4). 接 R 到 VDD - 加快,接 R+VSS 減慢
接 C 到 VDD 或 VSS 皆可減慢
1
L1
L2
L3
CDT3261
VSS
OPT
1
- -
VDD RD/SQ
ON/OFF
1
OSCI
3VDC
1
L1
L2
L3
CDT3261
VSS
OPT
1
- -
VDD RD/SQ ON/OFF
1
OSCI
3VDC
1
L1
L2
L3
CDT3261V
VSS
OPT
1
- -
VDD RD/SQ
ON/OFF
1
OSCI
3VDC
1
L1
L2
L3
CDT3261
VSS
OPT
1
- -
VDD RD/SQ
ON/OFF
1
OSCI
3VDC
C
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com