Electronic Components Datasheet Search
  English  ▼

X  

CDT3296 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # CDT3296
Description  ?쎿?雍멨뀯?믤셽若싨셽?쭵C
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3296 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  CDT3296 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3296 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3296 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3296 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3296 Datasheet HTML 5Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDT-3296 ---
4
CDT - 3296
P.4
四段輸入倒時定時器 IC
■
COB 測試方法
1. 依上圖接法, 接上電源,
a. 靜態電流約 < 20μA (crystal 一直再在振盪)
b. 按一下 PS1 -- ON/OFF, ON 時工作電流約 < 30μA
c.
再按一下 PS2 -- TEST1(不是一直按住),工作電流也約< 30μA
d.
依 a, b, c 時此 IC 是良品, 如果超過或低於上列之電流值即是
不良品。
2.
如果 T1, T2 有接到 VSS, 則因按一下 PS1 -- ON/OFF, ON 只是在第
二段, 工作電流不同, 但再按一下 PS2 -- TEST1(不是一直按住), 工作
電流也不會變大即是良品, 否則仍是不良品。
OSCRO
L1
L2
L3
L4
OUT
OSCRI
VSS
OSCI
OSCO ONOFF TEST2
QTEST
T2
T1
VDD
CDT3296
1
2
3
4
5
PS1
7
8
9
10
11
12
13
14
15
16
3VDC
PS2
電流表



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com