Electronic Components Datasheet Search
  English  ▼

X  

MH89761 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH89761
Description  T1 Transmit Equalizer Advance Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89761 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH89761 Datasheet HTML 1Page - Mitel Networks Corporation MH89761 Datasheet HTML 2Page - Mitel Networks Corporation MH89761 Datasheet HTML 3Page - Mitel Networks Corporation MH89761 Datasheet HTML 4Page - Mitel Networks Corporation MH89761 Datasheet HTML 5Page - Mitel Networks Corporation MH89761 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-94
MH89761
Advance Information
Applications
The MH89761 can be connected to the MH89760B
as illustrated in Figure 1. All pins on the MH89761
not shown connected in Figure 1 should be left open.
The internal circuit of the equalizer is shown in
Figure 2. The MH89761 has two separate circuits; a
6dB pad and an equalizer.
Ti and Ri are inputs to the 6dB pad on the device.
The outputs of the pad are brought out on TL and
RL. The 6dB pad is provided to loopback the
transmit signal back to the receive without altering
the equalizer settings. The 4 pole double throw relay
shown in Figure 1 permits connection of the output of
the transformer TR1 to either the equalizer or the
fixed
6dB
pad.
For
normal
operation
and
transmission out to the line, the transformer should
be connected to the equalizer inputs EIT and EIR.
Enabling the relay will switch the connection through
the 6dB pad for loopback diagnostics.
The MH89761 is designed to accept output from the
secondary
of
the
T1
transmit transformer
and
condition it for transmission over twisted pair.
The
seven switches (S1 to S7) permit configuration of the
equalizer for different line lengths.
The pulse
amplitude at the secondary of TR1 is approximately
6V.
Passing this signal through the equalizer with
zero line length setting on the switches will result in
attenuation of the pulse by 6dB. This will ensure that
the pulse fits in the template shown in Figure 3 and
meets DSX-1
Œ
requirements.
By switching in
different C and L components, the frequency and
phase response of the equalizer can be altered as
shown in Figures 4 and 5.
Note that the circuit
attenuates lower frequencies more
than higher
frequencies. Consequently, when a pulse is passed
through the equalizer, lower frequency components in
the signal are attenuated more than higher frequency
components. The intention is to compensate for the
attenuation properties of twisted pair cable, which
tends to attenuate higher frequencies more than
lower frequencies.
The net result is that a pre-
equalized pulse will meet DSX pulse requirements
after traversing a specific length of cable.
The cable length indicated along withthe equalizer
switch settings in Figure 4 are specific to 22 awg
ABAM cable interfaced to an MH89760B equipped
with
a
Filtran

TFS2573
transformer.
Different
equalizer settings may be more appropriate for other
cable and transformer types.
Figure 6 shows the
generic
switch
settings
for
different
levels
of
equalization.
Œ Reference:
ANSI T1.102 - 1987, Section 2.2
 Manufacturer:
Filtran Ltd.
(613) 226-1626
Figure 2 - 6dB Pad and Equalizer Pin
Ti
50
Ω
6dB Pad
S5
S4
4870pF
2150pF
TxT
EiT
EQUALIZER
TL
Ri
RL
50
Ω
50
Ω
50
Ω
50
Ω
100
Ω
50
Ω
200
Ω
50
Ω
50
Ω
50
Ω
100
Ω
12
Ω
S1
S2
S3
10
µH
22µH
50
Ω
50
Ω
50
Ω
200
Ω
EiR
TxR
2150pF
S6
S7
4870pF
27
Ω
•
•
•
•
•
•
•
•
•
•
•
••
•
•
•
•
•
•
••
•
•
•
•
390
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com