Electronic Components Datasheet Search
  English  ▼

X  

MH89761 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MH89761
Description  T1 Transmit Equalizer Advance Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89761 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MH89761 Datasheet HTML 1Page - Mitel Networks Corporation MH89761 Datasheet HTML 2Page - Mitel Networks Corporation MH89761 Datasheet HTML 3Page - Mitel Networks Corporation MH89761 Datasheet HTML 4Page - Mitel Networks Corporation MH89761 Datasheet HTML 5Page - Mitel Networks Corporation MH89761 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-95
Advance Information
MH89761
Figure 3 - DSX-1 Line Pulse Template (Reference: ANSI T1.102-1987)
Figure 4 - Typical Frequency Response of the Equalizers
t1
t2
t3
t4
t5
t6
t8
t9
t10
t11
t12
t13
t7
115%
105%
95%
90%
80%
50%
5%
-7%
-5%
-20%
-45%
Nominal
Pulse Shape
SYMBOL
TIME
t1
100 ns
t2
75 ns
t3
175 ns
t4
50 ns
t5
100 ns
t6
100 ns
t7
75 ns
t8
50 ns
t9
50 ns
t10
375 ns
t11
150 ns
t12
130 ns
t13
175 ns
Note 1: Template is not to scale
0
1
2
3
4
5
6
A
T
T
E
N
U
A
T
I
O
N
d
B
100K
200K
500K
1000K
2000K
5000K
10M
20M
50M
100M
Frequency (Hz)
Note: 100
Ω Resistive Load
LONG
MEDIUM
SHORT
Short
0-150’
Medium
150-450’
Long
450-655’
S1
CLOSE
OPEN
OPEN
S2
OPEN
CLOSE
OPEN
S4
OPEN
OPEN
CLOSE
S4
OPEN
CLOSE
OPEN
S5
OPEN
OPEN
CLOSE
S6
OPEN
CLOSE
OPEN
S7
OPEN
OPEN
CLOSE
Equalizer settings
Note: The equalizer shown here is optimum for 22
gauge
ABAM
cable
and
Filtran
TFS2573
transformer. The distance settings are approximate
and may vary with cable and transformer type
Attenuation Versus Frequency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com