Electronic Components Datasheet Search
  English  ▼

X  

MH89770N Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MH89770N
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770N Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MH89770N Datasheet HTML 13Page - Mitel Networks Corporation MH89770N Datasheet HTML 14Page - Mitel Networks Corporation MH89770N Datasheet HTML 15Page - Mitel Networks Corporation MH89770N Datasheet HTML 16Page - Mitel Networks Corporation MH89770N Datasheet HTML 17Page - Mitel Networks Corporation MH89770N Datasheet HTML 18Page - Mitel Networks Corporation MH89770N Datasheet HTML 19Page - Mitel Networks Corporation MH89770N Datasheet HTML 20Page - Mitel Networks Corporation MH89770N Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
4-141
Preliminary Information
MH89770
Figure 9 - Reframe Time
50
40
30
20
10
0
%
0
7
8
10
12
14
16
1820
2224
26
28
30
32
34
Reframe Time (ms)
Percentage Reframe Time Probability Versus Reframe Time
With Pseudo Random Data
D4
ESF
The out of sync threshold can be changed from 2 out
of 4 errors in FT (or FPS) to 4 out of 12 errors in FT
(or FPS). The average reframe time is 24 ms for ESF
mode, and 12ms for D3/D4 modes.
Figure 9 is a bar graph which shows the probability
of achieving frame synchronization at a specific time.
The chart shows the results for ESF mode with CRC
check, and D3/D4 modes of operation. The average
reframe time with random data is 24 ms for ESF, and
13 ms for D3/D4 modes. The probability of a
reframe
time
of
35 ms or less is
88% for ESF
mode, and 97% for D3/D4 modes. In ESF mode it is
recommended that the CRC check be enabled
unless the line has a high error rate. With the CRC
check disabled the average reframe time is greater
because the framer must also check for mimics.
Applications
1. Typical T1 Application
Figure 10 shows the external components that are
required in a typical T1 application using the
MH89770. The MT8980 is used to control and
monitor the device as well as switch data to DSTi and
DSTo (refer to Application Note MSAN-123 for more
information on the operation of the MT8980). The
MT8952,
HDLC protocol controller, is shown in this
application to illustrate how the data on the FDL
could be used. The digital phase-locked loop, the
MT8941, provides all the clocks
necessary to make
a
functional
interface.
The
1.544
MHz
clock
extracted by the MH89770 is used to clock in data at
RxT and RxR. It is also internally divided by 193
to
obtain an 8 kHz clock which is output at E8Ko. The
MT8941 uses this 8 kHz signal to provide a phase
locked 2.048 MHz clock for the ST-BUS interface
and a 1.544 MHz clock for the DS1 transmit side.
Note: the configurations shown in Figures 10 and 12
using the MT8941 may not meet specific jitter
performance requirements. A more sophisticated
PLL may be required for applications designed to
meet specific standards. Please refer to the MT8941
data sheet for further details on its jitter performance.
The split phase unipolar signals output by the
MT8977 at TxA and TxB are used by the line driver
circuit to generate a bipolar AMI signal. The line
driver is transformer coupled to an equalization
circuit
and
the
DS1
line.
Equalization
of
the
transmitted signal is required to meet AT & T
specifications
for
crossconnect
compatible
equip-ment (see AT&T Technical Advisory #34).
Specifica-tions for the input and output transformers
are shown in Figure 11.
On the receive side the
bipolar line signal is converted into a unipolar format
by the line receiver circuit. The resulting split phase
signals are input at the RxA and RxB pins on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com