Electronic Components Datasheet Search
  English  ▼

X  

MH89770N Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH89770N
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770N Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH89770N Datasheet HTML 1Page - Mitel Networks Corporation MH89770N Datasheet HTML 2Page - Mitel Networks Corporation MH89770N Datasheet HTML 3Page - Mitel Networks Corporation MH89770N Datasheet HTML 4Page - Mitel Networks Corporation MH89770N Datasheet HTML 5Page - Mitel Networks Corporation MH89770N Datasheet HTML 6Page - Mitel Networks Corporation MH89770N Datasheet HTML 7Page - Mitel Networks Corporation MH89770N Datasheet HTML 8Page - Mitel Networks Corporation MH89770N Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
4-126
MH89770
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
2NC
No Connection.
3E1.5o
1.544 MHz Extracted Clock (Output): This clock is extracted by the device from the
received DS1 signal. It is used internally to clock in data received at RxT and RxR.
4VDD
System Power Supply. +5V.
5RxA
Received A (Output): The bipolar DS1 signal received by the device at RxR and RxT is
converted to a unipolar format and output at this pin.
6
7
RxT
RxR
Receive Tip and Ring Inputs: Bipolar split phase inputs designed to be connected
directly to the input transformer.
Impedance to ground is approximately 1k
Ω.
Impedance between pins=430
Ω.
8RxB
Received B (Output): The bipolar DS1 signal received by the device at RxR and RxT is
converted to a unipolar format and output at this pin.
9NC
No Connection.
10
CSTi1
Control ST-BUS Input #1: A 2048 kbit/s serial control stream which carries 24
per-channel control words.
11
CSTi0
Control ST-BUS Input #0: A 2048 kbit/s serial control stream that contains 24 per
channel control words and two master control words.
12
E8Ko
8 kHz Extracted Clock (Output): This is an 8 kHz output generated by dividing the
extracted 1.544 MHz clock by 193 and aligning it with the received DS1 frame.
The 8
kHz signal can be used for synchronizing system clocks to the extracted 1.544 MHz
clock. When digital loopback is enabled, the 8kHz is derived from C1.5.
13
XCtl
External Control (Output): This is an uncommitted external output pin which is set or
reset via bit 3 in Master Control Word 1 on CSTi0. The state of XCtl is updated once per
frame.
14
XSt
External Status (Schmitt Trigger Input): The state of this pin is sampled once per
frame and the status is reported in bit 5 of Master Status Word 2 on CSTo.
15
CSTo
Control ST-BUS Output: This is a 2048 kbit/s serial control stream which provides the
24 per-channel status words, and two master status words.
16
NC
No Connection.
NC
LOS
NC
TxFDL
NC
TxFDLClk
VSS
RxFDLClk
DSTo
RxFDL
OUTB
C1.5i
RxSF
TxSF
OUTA
NC
NC
NC
VSS
NC
NC
E1.5o
VDD
RxA
RxT
RxR
RxB
NC
CSTi1
CSTi0
E8Ko
XCtl
XSt
CSTo
NC
DSTi
C2i
E1.5o
F0i
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com