Electronic Components Datasheet Search
  English  ▼

X  

MH89792 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MH89792
Description  E1 Transceiver Preliminary Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89792 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MH89792 Datasheet HTML 1Page - Mitel Networks Corporation MH89792 Datasheet HTML 2Page - Mitel Networks Corporation MH89792 Datasheet HTML 3Page - Mitel Networks Corporation MH89792 Datasheet HTML 4Page - Mitel Networks Corporation MH89792 Datasheet HTML 5Page - Mitel Networks Corporation MH89792 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-226
MH89792
Preliminary Information
Figure 3a - Application Circuit
Figure 3b - Application Circuit
INT
DSTi
DSTo
CSTio
CSTo
CSTi1
XSt
TxA
TxB
RxD
RxA
RxB
E2i
C2i
F0i
LOS
TxA
TxB
RxD
RxA
E2o
RxINV
VSS
VDD
CLKF/
CLKR
RLB
RLA
TLB
TLA
RxB
Twisted Pair
+5V
MT9042
MT8979
MH89792-1
MT8941
LOSP
Coax Connection
-2 Version only
Coax Connection
-2 Version only
14
15
12
13
8
10
2
Twisted Pair
9
19
20
6
3
4
1
7
5
VDD
RESET
DSTi
DSTo
F0i
E8Ko
D0-7
AC0-4
R/W
CS
DS
IRQ
S/P
VSS
TAIS VDD
TxMF
TxA
TxB
RxA
RxB
E2i
C4i
33
2
26
31
32
8-15
18-22
23
24
25
7
36
37
27
29
30
42
43
35
16
41
1
+5
10K
19
20
3
4
1
2
12
14
15
13
9
8
7
10
+5
TxA
TxB
RxA
RxB
E2o
VDD
RLA
TLA
TLB
RLB
LOS
CLKF/CLKP
RXINV
LOSP
MH89792-1
0.1
µ
NETWORK
CONNECTOR
MT9079
MT9042



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com